Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1585M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RC1585M
Description  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC1585M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RC1585M Datasheet HTML 1Page - Fairchild Semiconductor RC1585M Datasheet HTML 2Page - Fairchild Semiconductor RC1585M Datasheet HTML 3Page - Fairchild Semiconductor RC1585M Datasheet HTML 4Page - Fairchild Semiconductor RC1585M Datasheet HTML 5Page - Fairchild Semiconductor RC1585M Datasheet HTML 6Page - Fairchild Semiconductor RC1585M Datasheet HTML 7Page - Fairchild Semiconductor RC1585M Datasheet HTML 8Page - Fairchild Semiconductor RC1585M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT SPECIFICATION
RC1585
3
Parameter
Conditions
Min.
Typ.
Max.
Units
Reference Voltage
3
1.5V
≤ (V
IN-VOUT) ≤ 5.75V,
10mA
≤ I
OUT ≤ 5A
1.225
(-2%)
1.250
1.275
(+2%)
V
Output Voltage
4
3V
≤V
IN ≤7V
10mA
≤ I
OUT ≤ 5A
1.47
1.5
1.53
V
Line Regulation
1,2
(VOUT + 1.5V) ≤ VIN ≤ 7V,
IOUT = 10mA
0.005
0.2
%
Load Regulation
1,2,3
(VIN - VOUT) = 3V,
10mA
≤ I
OUT ≤ 5A
0.05
0.5
%
Dropout Voltage
∆V
REF = 1%, IOUT = 5A
1.150
1.300
V
Current Limit
(VIN - VOUT) = 2V
5.1
5.5
A
Adjust Pin Current
3
35
120
µA
Adjust Pin Current Change
3
1.5V
≤ (V
IN - VOUT) ≤ 5.75V,
10mA
≤ I
OUT ≤ 5A
0.2
5
µA
Minimum Load Current
1.5V
≤ (V
IN - VOUT) ≤ 5.75V
10
mA
Quiescent Current
VIN = 5V
413
mA
Ripple Rejection
f = 120Hz, COUT = 22µF Tantalum,
(VIN - VOUT) = 3V, IOUT = 5A
60
72
dB
Thermal Regulation
TA = 25°C, 30ms pulse
0.004
0.02
%/W
Temperature Stability
0.5
%
Long-Term Stability
TA = 125°C, 1000 hrs.
0.03
1.0
%
RMS Output Noise
(% of VOUT)
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance,
Control Section
0.7
°C/W
Junction to Case
Power Transistor
3.0
°C/W
Thermal Shutdown
150
°C
Electrical Characteristics
Preconditioning: 100% Thermal Limit Functional Test. TJ=25°C unless otherwise specified.
The
• denotes specifications which apply over the specified operating temperature range.
Notes:
1.
See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are measured at a
constant junction temperature by low duty cycle pulse testing.
2.
Line and load regulation are guaranteed up to the maximum power dissipation (18W). Power dissipation is determined by input/output
differential and the output current. Guaranteed maximum output power will not be available over the full input/output voltage range.
3.
RC1585 only.
4.
RC1585-1.5 only.


Similar Part No. - RC1585M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585 FAIRCHILD-RC1585 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
More results

Similar Description - RC1585M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com