Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4408 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C4408
Description  2C 22 SOLID BC PVC NS PVC Sound, Alarm & Security Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C4408 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C4408 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C4408
Date:
4/12/2011
Revision Level:
2
2C 22 SOLID BC PVC NS PVC
Sound, Alarm & Security Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#22 AWG Solid Bare Copper
.007” Wall Polyvinyl Chloride
.020” Wall Polyvinyl Chloride – Beige
.025” nom.
CAROL A (R) CMX OUTDOOR-CMR (UL) C(UL) – SW – 22 AWG E105765-H (DATE CODE)
(SEQUENTIAL FOOTAGE) (PRINTED EVERY 2 FEET)
Pull in 2C straight
.079" nom.
.038” nom.
.115" +/- .006"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
60C
300V
16.7 Ohms/1000 ft nom
47.45 pF/ft @ 1kHz nom
47.8 Ohms @ 1MHz nom
National Electrical Code
Article 800
UL Standard 444
Type CMX/CMR
1
2
Red
Green
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C4408

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
C4408 TOSHIBA-C4408 Datasheet
119Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process) Power Amplifier Applications
logo
General Cable Technolog...
C4408ST GENERAL-C4408ST Datasheet
73Kb / 1P
   2C 22 7/.0096 BC PVC NS PVC Sound, Alarm & Security Cable
More results

Similar Description - C4408

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4410 GENERAL-C4410 Datasheet
73Kb / 1P
   3C 22 SOLID BC PVC NS PVC Sound, Alarm & Security Cable
C4412 GENERAL-C4412 Datasheet
73Kb / 1P
   4C 22 SOLID BC PVC NS PVC Sound, Alarm & Security Cable
C4408ST GENERAL-C4408ST Datasheet
73Kb / 1P
   2C 22 7/.0096 BC PVC NS PVC Sound, Alarm & Security Cable
E2000S GENERAL-E2000S Datasheet
73Kb / 1P
   2C 22 SOLID BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E1030S GENERAL-E1030S Datasheet
73Kb / 1P
   2C 18 SOLID BC SR-PVC PVC Sound, Alarm & Security Cable
E2030S GENERAL-E2030S Datasheet
73Kb / 1P
   2C 18 SOLID BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E1001S GENERAL-E1001S Datasheet
73Kb / 1P
   4C 22 SOLID BC SR-PVC PVC Sound, Alarm & Security Cable
C4412ST GENERAL-C4412ST Datasheet
73Kb / 1P
   4C 22 7/.0096 BC PVC NS PVC Sound, Alarm & Security Cable
E1002S GENERAL-E1002S Datasheet
73Kb / 1P
   2C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
C6310 GENERAL-C6310 Datasheet
72Kb / 1P
   2C 22 7/30 BC PVC UNJACKETED Sound, Alarm & Security Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com