Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY253P Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TNY253P
Description  Energy Efficient, Low Power Off-line Switchers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY253P Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TNY253P Datasheet HTML 1Page - Power Integrations, Inc. TNY253P Datasheet HTML 2Page - Power Integrations, Inc. TNY253P Datasheet HTML 3Page - Power Integrations, Inc. TNY253P Datasheet HTML 4Page - Power Integrations, Inc. TNY253P Datasheet HTML 5Page - Power Integrations, Inc. TNY253P Datasheet HTML 6Page - Power Integrations, Inc. TNY253P Datasheet HTML 7Page - Power Integrations, Inc. TNY253P Datasheet HTML 8Page - Power Integrations, Inc. TNY253P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
February 2012
Figure 1. Typical Standby Application.
ORDER
PART
NUMBER
85-265
VAC
230 VAC or
115 VAC
w/Doubler
Product Highlights
Lowest Cost, Low Power Switcher Solution
• LowercostthanRCC,discretePWMandotherintegrat-
ed/hybridsolutions
• Costeffectivereplacementforbulkylinearadapters
• Lowestcomponentcount
• SimpleON/OFFcontrol–noloopcompensationdevices
• Nobiaswinding–simpler,lowercosttransformer
• AllowssimpleRCtypeEMIfilterforupto2Wfrom
universalinputor4Wfrom115VACinput
Extremely Energy Efficient
• Consumesonly30/60mWat115/230VACwithnoload
• MeetsBlueAngel,EnergyStar,Energy2000and200mW
Europeancellphonerequirementsforstandby
• Saves$1to$4peryearinenergycosts(at$0.12/kWHr)
comparedtobulkylinearadapters
• Idealforcellularphonechargers,standbypowersuppliesfor
PC,TVandVCR,utilitymeters,andcordlessphones.
High Performance at Low Cost
• High-voltagepowered–idealforchargerapplications
• Veryhighloopbandwidthprovidesexcellenttransient
responseandfastturnonwithpracticallynoovershoot
• Currentlimitoperationrejectslinefrequencyripple
• Glitchfreeoutputwheninputisremoved
• Built-incurrentlimitandthermalprotection
• 44kHzoperation(TNY253/4)withsnubberclamp
reducesEMIandvideonoiseinTVsandVCRs
• Operateswithoptocouplerorbiaswindingfeedback
Description
TheTinySwitchfamilyusesabreakthroughdesigntoprovide
thelowestcost,highefficiency,off-lineswitchersolutionin
the0to10Wrange.Thesedevicesintegratea700Vpower
MOSFET, oscillator, high-voltage switched current source,
currentlimitandthermalshutdowncircuitry.Theystart-up
andrunonpowerderivedfromtheDRAINvoltage,eliminat-
ingtheneedforatransformerbiaswindingandtheassociated
circuitry.Andyet,theyconsumeonlyabout80mWatnoload,
from265VACinput.AsimpleON/OFFcontrolschemealso
eliminatestheneedforloopcompensation.
TNY253P
TNY254P
TinySwitch Selection Guide
PACKAGE
DIP-8
DIP-8
SMD-8
SMD-8
TNY253G
TNY255P
0-2 W
1-4 W
0-4 W
2-5 W
TNY255G
DIP-8
TNY254G
SMD-8
3.5-6.5 W
4-10 W
TheTNY253andTNY254switchat44kHztominimizeEMI
andtoallowasimplesnubberclamptolimitDRAINspike
voltage.Atthesametime,theyallowuseoflowcostEE16core
transformerstodeliverupto5W.TheTNY253isidenticalto
TNY254exceptforitslowercurrentlimit,whichreducesoutput
short-circuit current for applications under 2.5W.TNY255
useshigherswitchingrateof130kHztodeliverupto10W
fromthesamelowcostEE16coreforapplicationssuchasPC
standbysupply.AnEE13orEF13corewithsafetyspaced
bobbincanbeusedforapplicationsunder2.5W.Absenceof
abiaswindingeliminatestheneedfortaping/marginsinmost
applications,whentripleinsulatedwireisusedforthesecondary.
Thissimplifiesthetransformerconstructionandreducescost.
PI-2178-022699
Wide-Range
High-Voltage
DC Input
TinySwitch
D
S
EN
BP
+
+
DC
Output
Table 1. *Please refer to the Key Application Considerations section
for details.
Recommended Range
for Lowest System Cost*
TNY253/254/255
TinySwitchFamily
Energy Efficient, Low Power Off-line Switchers


Similar Part No. - TNY253P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253P POWERINT-TNY253P Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
TNY253P POWERINT-TNY253P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253P POWERINT-TNY253P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253P POWERINT-TNY253P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253P POWERINT-TNY253P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
More results

Similar Description - TNY253P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253GN-TL POWERINT-TNY253GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253GN POWERINT-TNY253GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN-TL POWERINT-TNY255GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254PN POWERINT-TNY254PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253 POWERINT-TNY253_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
TNY253 POWERINT-TNY253 Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com