Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY253P Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # TNY253P
Description  Energy Efficient, Low Power Off-line Switchers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY253P Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button TNY253P Datasheet HTML 2Page - Power Integrations, Inc. TNY253P Datasheet HTML 3Page - Power Integrations, Inc. TNY253P Datasheet HTML 4Page - Power Integrations, Inc. TNY253P Datasheet HTML 5Page - Power Integrations, Inc. TNY253P Datasheet HTML 6Page - Power Integrations, Inc. TNY253P Datasheet HTML 7Page - Power Integrations, Inc. TNY253P Datasheet HTML 8Page - Power Integrations, Inc. TNY253P Datasheet HTML 9Page - Power Integrations, Inc. TNY253P Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Rev E
02/12
TNY253/254/255
6
Figure 9. 1.3 W TV Standby Circuit using TNY253.
Figure 10. 10 W Standby Supply Circuit.
useofalowcostEE16coretransformeruptothe10Wlevel.
Figure10showsa5V,10Wcircuitforsuchanapplication.
Thecircuitoperatesfromthehigh-voltageDCsupplyalready
availablefromthemainpowersupply.CapacitorC1filtersthe
high-voltageDCsupply,andisnecessaryonlyifthereisalong
tracelengthfromthesourceoftheDCsupplytotheinputsof
thestandbycircuit.Thehigh-voltageDCbusisappliedtothe
primarywindingofT1inserieswiththeintegratedhigh-voltage
MOSFETinsidetheTNY255.ThediodeD1,capacitorC2and
resistorR1comprisetheclampcircuitthatlimitstheturn-off
voltagespikeontheTinySwitchDRAINpintoasafevalue.
ThesecondarywindingisrectifiedandfilteredbyD2andC4
toprovidethe5Vouput.Additionalfilteringisprovidedby
L1andC5.Theoutputvoltageisdeterminedbythesumofthe
optocouplerU2LEDforwarddrop(~1V)andZenerdiode
VR1voltage.TheresistorR2,maintainsabiascurrentthrough
theZenertoimproveitsvoltagetolerance.Fortightertolerance,
aTL431precisionreferenceICfeedbackcircuitmaybeused.
Cellular Phone Charger
TheTinySwitchiswellsuitedforapplicationsthatrequirea
constantvoltageandconstantcurrentoutput.TinySwitchis
alwayspoweredfromtheinputhigh-voltage,thereforeitdoes
notrequirebiaswindingforpower.Consequently,itsopera-
tionisnotdependentontheleveloftheoutputvoltage.This
allowsforconstantcurrentchargerdesignsthatworkdownto
zerovoltsontheoutput.
PI-2242-082898
TinySwitch
D
S
EN
BP
+ 5 V
RTN
C1
0.01 F
1 kV
C3
0.1 F
240 - 375
VDC
R1
150 k
1 W
U2
LTV817
D2
SB540
L1
10 H
C4
2700 F
6.3 V
C5
220 F
10 V
VR1
1N5229B
U1
TNY255P
C2
4700 pF
1 kV
T1
1
4
8
10
R2
68
D1
1N4937
Optional
PI-2246-082898
DC IN
120 - 375
VDC
TinySwitch
D
S
EN
BP
+
+ 7.5 V
RTN
C3
0.1 F
R2
1 k
VR1
1N5235B
C1
0.01 F
1 kV
R1
100
1/2 W
C2
56 pF
1 kV
D1
1N4934
L1
15 H
C5
47 F
10 V
C4
330 F
10 V
U1
TNY253P
T1
U2
SFH615-2
C6
680 pF
Y1 Safety
1
4
8
10
Optional


Similar Part No. - TNY253P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253P POWERINT-TNY253P Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
TNY253P POWERINT-TNY253P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253P POWERINT-TNY253P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253P POWERINT-TNY253P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253P POWERINT-TNY253P Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
More results

Similar Description - TNY253P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY253GN-TL POWERINT-TNY253GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
   Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253GN POWERINT-TNY253GN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY255GN-TL POWERINT-TNY255GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY254PN POWERINT-TNY254PN Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
TNY253 POWERINT-TNY253_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-line Switchers
August 2016
TNY253 POWERINT-TNY253 Datasheet
498Kb / 20P
   TinySwitch Family Energy Efficient, Low Power Off-line Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com