Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1437397-7 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 2-1437397-7
Description  Fuse & Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437397-7 Datasheet(HTML) 7 Page - Tyco Electronics

  2-1437397-7 Datasheet HTML 1Page - Tyco Electronics 2-1437397-7 Datasheet HTML 2Page - Tyco Electronics 2-1437397-7 Datasheet HTML 3Page - Tyco Electronics 2-1437397-7 Datasheet HTML 4Page - Tyco Electronics 2-1437397-7 Datasheet HTML 5Page - Tyco Electronics 2-1437397-7 Datasheet HTML 6Page - Tyco Electronics 2-1437397-7 Datasheet HTML 7Page - Tyco Electronics 2-1437397-7 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
287
300 Series, Fuse & Switch, Phenolic—Accessories
6
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
Physical Properties
Housing Material—Phenolic, filled flame retardant
Color—Black
Contacts
Material—Copper alloy spring clips. Steel screws
plated to resist corrosion in most industrial
applications
Strap Screw—11/32" max. lug width
Mechanical Properties
Pitch (terminal spacing)—0.75" [19.05]
(16 circuits per foot)
Switch Handles
Material—Polypropylene
Color—White
Electrical Properties
Operating Voltage—Blocks meet 600V creepage
and clearance requirements of NEMA, UL and CSA
standards for general industrial control equipment and
panelboards; withstand voltage exceeds IEEE
switchgear standards for 750V
Dielectric Strength (RH 40% @ sea level)—
300 volts/mil thickness per ASTM D149
UL High Voltage Arc Tracking (inches/min.)—
.49-.58 [12.45-14.73]
Fuse Size—Any 13/32 x 1-1/2 in. [10.32 x 38.10]
ferrule type cartridge fuse up to 25 amps, indicating or
non-indicating, which meets Mil. Spec. F-15160, is
recommended.
Environmental Properties
Max. Service Temperature—150°C (302°F)
Water Absorption (24hrs. % wt. gain)—0.45%
per ASTM D570
Flammability Rating—UL94V-1
Chemical Resistance—Resistant to acids, alkalies,
and aliphatic hydrocarbons and ketones, per
ASTM D543
Radiation Resistance (ergs g-1 (C)—2.7 x 108
UL Independent Testing Service
Recognitions:
Wire Sizes—Solid or Stranded, Tubular Screw Cat.
# 362-BU, 0362
1 #4 AWG, 1 #6 AWG, 1 #8 AWG,
1 to 4 #10 AWG, 1 to 5 #12 AWG, 1 to 6
#14 AWG, 1 to 6 #16 AWG, 1 to 8 #18 AWG
Break
Pre-punched
3-Gang
Steel
Away
Aluminum
Fuse
Fuse
Channel
Steel
Channel
Puller
Puller
Part Number
9-1437381-1
9-1437381-2
9-1437381-9
2-1437397-1
2-1437397-2
9-1437381-8
1437382-2
Catalog Number
60-BU
60-B-36
64
31-BU
32
63-BU
67
Standard Length
6 feet
3 feet
6 feet
——
3 feet
3 feet
Screw
Coated
Channel
Universal
Snap-In
Ganging
Cloth
Clamps
Clamps
Clamps
Rod
Marking Tape
Part Number
9-1437381-5
1437382-3
9-1437381-7
3-1437381-9
8-1437381-0
Catalog Number
61
68
62
30
55-BU
Standard Length
2 feet
50 feet
Mounting Channel
Channel Clamps
Marking Accessories
Fuse Puller
E63810
Cat #’s
31 and
32
Related Product Data
Wire Pins and Ferrules—Pages
135-137
For more information on AMP Standard
Terminals and Splices or Quick-Connect
FASTON Receptacles and Tabs, request
Catalog 82042.


Similar Part No. - 2-1437397-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437397-0 MACOM-2-1437397-0 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-4 MACOM-2-1437397-4 Datasheet
43Kb / 1P
   END SECTION FUSE & SWITCH BLOCKS FLAT BASE
2-1437397-5 MACOM-2-1437397-5 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-6 MACOM-2-1437397-6 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-8 MACOM-2-1437397-8 Datasheet
52Kb / 1P
   CONTACT SECTION W/ FUSE PULLER & TUBULAR CONTACT
More results

Similar Description - 2-1437397-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437397-6 MACOM-2-1437397-6 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-5 MACOM-2-1437397-5 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-0 MACOM-2-1437397-0 Datasheet
303Kb / 8P
   Fuse & Switch
logo
Schneider Electric
GS2JU3N SCHNEIDER-GS2JU3N Datasheet
103Kb / 3P
   switch-disconnector-fuse
logo
Tyco Electronics
2-1437397-4 MACOM-2-1437397-4 Datasheet
43Kb / 1P
   END SECTION FUSE & SWITCH BLOCKS FLAT BASE
logo
Schneider Electric
GS2SU3 SCHNEIDER-GS2SU3_V01 Datasheet
190Kb / 2P
   TeSys GS - switch-disconnector - fuse - 3 P - UL - 600 A- fuse size J
Jun 30, 2022
GS2QU3N SCHNEIDER-GS2QU3N_V01 Datasheet
146Kb / 3P
   TeSys GS - switch-disconnector-fuse - - 3 P - UL - 400 A- fuse size J
Jun 30, 2022
GS2TU3 SCHNEIDER-GS2TU3 Datasheet
177Kb / 2P
   TeSys GS - switch-disconnector-fuse - 3 P - UL 800 A - fuse size J
GS2MU3N SCHNEIDER-GS2MU3N Datasheet
140Kb / 3P
   TeSys GS - switch-disconnector-fuse - 3 P - UL - 200 A- fuse size J
GS2TU3 SCHNEIDER-GS2TU3_V01 Datasheet
191Kb / 3P
   TeSys GS - switch-disconnector-fuse - 3 P - UL - 800 A- fuse size J
Jun 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com