Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1437397-6 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 2-1437397-6
Description  Fuse & Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437397-6 Datasheet(HTML) 4 Page - Tyco Electronics

  2-1437397-6 Datasheet HTML 1Page - Tyco Electronics 2-1437397-6 Datasheet HTML 2Page - Tyco Electronics 2-1437397-6 Datasheet HTML 3Page - Tyco Electronics 2-1437397-6 Datasheet HTML 4Page - Tyco Electronics 2-1437397-6 Datasheet HTML 5Page - Tyco Electronics 2-1437397-6 Datasheet HTML 6Page - Tyco Electronics 2-1437397-6 Datasheet HTML 7Page - Tyco Electronics 2-1437397-6 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
284
0300 Series, Fuse & Switch, Nylon and Polypropylene (Continued)
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
Break
Pre-punched
Steel
Away
Aluminum
Channel
Steel
Channel
Part Number
9-1437381-1
9-1437381-2
9-1437381-9
9-1437381-8
1437382-2
Catalog Number
60
60-B-36
64
63-BU
67
Standard Length
6 feet
3 feet
6 feet
3 feet
3 feet
Screw
Coated
Channel
Universal
Snap-In
Ganging
Cloth
Clamps
Clamps
Clamps
Rod
Marking tape
Part Number
9-1437381-5
1437382-3
9-1437381-7
3-1437381-9
8-1437381-0
Catalog Number
61
68
62
30
55-BU
Standard Length
2 feet
50 feet
Mounting Channel
Channel Clamps
Marking Accessories
Related Product Data
Wire Pins and Ferrules—Pages 109-111
For more information on AMP Standard Terminals
and Splices or Quick-Connect FASTON Receptacles
and Tabs, request Catalog 82042.


Similar Part No. - 2-1437397-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437397-0 MACOM-2-1437397-0 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-4 MACOM-2-1437397-4 Datasheet
43Kb / 1P
   END SECTION FUSE & SWITCH BLOCKS FLAT BASE
2-1437397-5 MACOM-2-1437397-5 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-7 MACOM-2-1437397-7 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-8 MACOM-2-1437397-8 Datasheet
52Kb / 1P
   CONTACT SECTION W/ FUSE PULLER & TUBULAR CONTACT
More results

Similar Description - 2-1437397-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437397-5 MACOM-2-1437397-5 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-0 MACOM-2-1437397-0 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-7 MACOM-2-1437397-7 Datasheet
303Kb / 8P
   Fuse & Switch
logo
Schneider Electric
GS2JU3N SCHNEIDER-GS2JU3N Datasheet
103Kb / 3P
   switch-disconnector-fuse
logo
Tyco Electronics
2-1437397-4 MACOM-2-1437397-4 Datasheet
43Kb / 1P
   END SECTION FUSE & SWITCH BLOCKS FLAT BASE
logo
Schneider Electric
GS2SU3 SCHNEIDER-GS2SU3_V01 Datasheet
190Kb / 2P
   TeSys GS - switch-disconnector - fuse - 3 P - UL - 600 A- fuse size J
Jun 30, 2022
GS2QU3N SCHNEIDER-GS2QU3N_V01 Datasheet
146Kb / 3P
   TeSys GS - switch-disconnector-fuse - - 3 P - UL - 400 A- fuse size J
Jun 30, 2022
GS2TU3 SCHNEIDER-GS2TU3 Datasheet
177Kb / 2P
   TeSys GS - switch-disconnector-fuse - 3 P - UL 800 A - fuse size J
GS2MU3N SCHNEIDER-GS2MU3N Datasheet
140Kb / 3P
   TeSys GS - switch-disconnector-fuse - 3 P - UL - 200 A- fuse size J
GS2TU3 SCHNEIDER-GS2TU3_V01 Datasheet
191Kb / 3P
   TeSys GS - switch-disconnector-fuse - 3 P - UL - 800 A- fuse size J
Jun 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com