Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1437397-6 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2-1437397-6
Description  Fuse & Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437397-6 Datasheet(HTML) 3 Page - Tyco Electronics

  2-1437397-6 Datasheet HTML 1Page - Tyco Electronics 2-1437397-6 Datasheet HTML 2Page - Tyco Electronics 2-1437397-6 Datasheet HTML 3Page - Tyco Electronics 2-1437397-6 Datasheet HTML 4Page - Tyco Electronics 2-1437397-6 Datasheet HTML 5Page - Tyco Electronics 2-1437397-6 Datasheet HTML 6Page - Tyco Electronics 2-1437397-6 Datasheet HTML 7Page - Tyco Electronics 2-1437397-6 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
283
0300 Series, Fuse & Switch, Nylon and Polypropylene (Continued)
6
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
Switch Block
Strap Clamp
Switch Block
Tubular Screw
Part
Part
Model
Number
Model
Number
0378
1-1437397-9
0372
1-1437397-8
P0378
4-1437397-6
P0372
4-1437397-5
D0378
1776729-1
D0372
1776731-1
DP0378
1776730-1
DP0372
1776732-1
18-8
18-8
1/2
1/2
8-32
1/4"-28
pan head w/clamp
set screw
15 A
15 A
0380
2-1437397-0
0380
2-1437397-0
P0380
4-1437397-7
P0380
4-1437397-7
Specifications
Pitch—0.75” [19.05] centerline, 16 circuits per foot
Voltage Rating—Blocks meet 600 volt creepage and clearance requirements of
NEMA, UL and CSA for general industrial control equipment and panelboards.
Withstand voltages greatly in excess of IEE switchgear standards for 750 volts.
Fuse Size—Any 13/32 x 1-1/2 in. [10.32 x 28.10] ferrule type cartridge fuse up to
25 amps, indicating or non-indicating, which meets Mil. Spec. F-15160.
Standard Contacts
Material—Electrical grade copper or copper alloy conductor. Steel Screws plated to
resist corrosion in most industrial applications
AL-CU Tubular Screw—Aluminum compatibility with aluminum or copper
conductors. AL-CU is tin-plated brass.
Environmental Contacts
(for highly corrosive atmospheres)
Tubular Screw—Electrical grade copper tube with nickel plating. Nickel plated
brass screws.
Strap Screw—Nickel plated brass straps and screws. Nickel plating meets
specification QQ-N-290A Class I, Grade G.
Polyamide Material:
Housing Material—Polyamide, Unfilled Type 6/6
Max. Continuous Temperature—125°C, (257°F)
Breakdown Voltage (AC, 60 Hz)—
Contact-to-Contact: 7000V
Contact-to-Ground: 10,000V
Dielectric Strength (RH 40% at Sea Level)—470-385 Volts/mil thickness Per
ASTM D149
UL High Voltage Arc Tracking (inches/min.)—.01-.35 [.25-8.89]
Water Absorption (24 hrs. % wt. gain)—1.5% per ASTM D570
Flammability—UL94V-2
Chemical Resistance—Resistant to aromatic hydrocarbons, strong alkalies per
ASTM D543
Radiation Resistance (ergs g-1 (C)—8 x 107
Color—Translucent White
Polypropylene Material:
Housing Material—Polypropylene, Filled self-extinguishing
Max. Continuous Temperature—105°C, (221°F)
Breakdown Voltage (AC, 60Hz)—
Contact-to-Ground: 10,000V
Contact-to-Contact: 7000V
Dielectric Strength (RH 40% at Sea Level)—500 Volts/mil thickness per
ASTM D149
UL High Voltage Arc Tracking (inches/min.)—Did not track
Water Absorption (24 hrs. % wt. gain)—0.02% Per ASTM D570
Flammability—UL94V-0
Chemical Resistance—Resistant to most acids, alkalines, and saline solutions.
Also resistant to higher aliphatic solvents and polar substances per ASTM D543
Radiation Resistance (ergs g-1 (C)— No data Available
Color—Opaque White
Fuse Puller:
Material
High-temperature,
glass-reinforced nylon
Color
Black
Switch Handle:
Material
Polypropylene
Color
White


Similar Part No. - 2-1437397-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437397-0 MACOM-2-1437397-0 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-4 MACOM-2-1437397-4 Datasheet
43Kb / 1P
   END SECTION FUSE & SWITCH BLOCKS FLAT BASE
2-1437397-5 MACOM-2-1437397-5 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-7 MACOM-2-1437397-7 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-8 MACOM-2-1437397-8 Datasheet
52Kb / 1P
   CONTACT SECTION W/ FUSE PULLER & TUBULAR CONTACT
More results

Similar Description - 2-1437397-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437397-5 MACOM-2-1437397-5 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-0 MACOM-2-1437397-0 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-7 MACOM-2-1437397-7 Datasheet
303Kb / 8P
   Fuse & Switch
logo
Schneider Electric
GS2JU3N SCHNEIDER-GS2JU3N Datasheet
103Kb / 3P
   switch-disconnector-fuse
logo
Tyco Electronics
2-1437397-4 MACOM-2-1437397-4 Datasheet
43Kb / 1P
   END SECTION FUSE & SWITCH BLOCKS FLAT BASE
logo
Schneider Electric
GS2SU3 SCHNEIDER-GS2SU3_V01 Datasheet
190Kb / 2P
   TeSys GS - switch-disconnector - fuse - 3 P - UL - 600 A- fuse size J
Jun 30, 2022
GS2QU3N SCHNEIDER-GS2QU3N_V01 Datasheet
146Kb / 3P
   TeSys GS - switch-disconnector-fuse - - 3 P - UL - 400 A- fuse size J
Jun 30, 2022
GS2TU3 SCHNEIDER-GS2TU3 Datasheet
177Kb / 2P
   TeSys GS - switch-disconnector-fuse - 3 P - UL 800 A - fuse size J
GS2MU3N SCHNEIDER-GS2MU3N Datasheet
140Kb / 3P
   TeSys GS - switch-disconnector-fuse - 3 P - UL - 200 A- fuse size J
GS2TU3 SCHNEIDER-GS2TU3_V01 Datasheet
191Kb / 3P
   TeSys GS - switch-disconnector-fuse - 3 P - UL - 800 A- fuse size J
Jun 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com