Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1437397-0 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 2-1437397-0
Description  Fuse & Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1437397-0 Datasheet(HTML) 6 Page - Tyco Electronics

  2-1437397-0 Datasheet HTML 1Page - Tyco Electronics 2-1437397-0 Datasheet HTML 2Page - Tyco Electronics 2-1437397-0 Datasheet HTML 3Page - Tyco Electronics 2-1437397-0 Datasheet HTML 4Page - Tyco Electronics 2-1437397-0 Datasheet HTML 5Page - Tyco Electronics 2-1437397-0 Datasheet HTML 6Page - Tyco Electronics 2-1437397-0 Datasheet HTML 7Page - Tyco Electronics 2-1437397-0 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
286
300 Series, Fuse & Switch, Phenolic
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
Strap Screw
Strap Clamp
Tubular Screw
Characteristics
Part
Part
Part
Type of Block
Model
Number
Model
Number
Model
Number
Direct Mount (Flat Base)
Fuse Block with Puller
351
2-1437397-8
358
3-1437397-1
352
3-1437397-0
Fuse Block without Puller
361
2-1437397-2
368-BU
3-1437397-5
362-BU
3-1437397-3
Switch Block
341
2-1437397-5
348
2-1437397-7
342
2-1437397-6
Channel Mount (Dovetail Base)
Fuse Block with Puller
0351
1437397-9
0358
1-1437397-2
0352
1-1437397-0
Fuse Block without Puller
0361
1437397-4
0368
1-1437397-6
0362
1-1437397-5
Switch Block
0341
1437397-6
0348
1437397-8
0342
1437397-7
Contact Type
Specifications
Wire Range (AWG)
Solid & Stranded
22-8
18-8
18-8
Wire Strip Length (in.)
1/2
1/2
Screw Type
8-32
8-32
1/4"-28
binding head
pan head w/clamp
set screw
Ampacity
Fuse Blocks
25A
25A
25A
Switch Blocks
15A
15A
15A
End Sections
No Contact, Flat Base
330-BU
2-14376397-4
330-BU
2-14376397-4
330-BU 2-14376397-4
No Contact, Dovetail Base
0330
14376397-5
0330
14376397-5
0330
14376397-5
Notes: Standard package is 10 pieces.
For factory assembled blocks, suffix Catalog Number with number of blocks desired
(Maximum number of flat base preassembled sections is 6).
EXAMPLE:
Twelve strap screw, fuse block sections preassembled on channel = 035112.
Six flat tubular screw, switch blocks preassembled without channel for direct mounting = 3426
For blocks with two or more different contact sections, preassembled with other blocks, imprinting or
special features, consult Technical Support.
Environmental contacts for highly corrosive atmospheres are available with Nickel plating on
non-ferrous hardware. To order, prefix Catalog Number with “D”.
Direct Mount
Channel Mount
(Flat Base)
(Dovetail Base)
Comparison (Type of Block)
LR25557
E34934
Except
Switch
Blocks


Similar Part No. - 2-1437397-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437397-4 MACOM-2-1437397-4 Datasheet
43Kb / 1P
   END SECTION FUSE & SWITCH BLOCKS FLAT BASE
2-1437397-5 MACOM-2-1437397-5 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-6 MACOM-2-1437397-6 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-7 MACOM-2-1437397-7 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-8 MACOM-2-1437397-8 Datasheet
52Kb / 1P
   CONTACT SECTION W/ FUSE PULLER & TUBULAR CONTACT
More results

Similar Description - 2-1437397-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437397-6 MACOM-2-1437397-6 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-5 MACOM-2-1437397-5 Datasheet
303Kb / 8P
   Fuse & Switch
2-1437397-7 MACOM-2-1437397-7 Datasheet
303Kb / 8P
   Fuse & Switch
logo
Schneider Electric
GS2JU3N SCHNEIDER-GS2JU3N Datasheet
103Kb / 3P
   switch-disconnector-fuse
logo
Tyco Electronics
2-1437397-4 MACOM-2-1437397-4 Datasheet
43Kb / 1P
   END SECTION FUSE & SWITCH BLOCKS FLAT BASE
logo
Schneider Electric
GS2SU3 SCHNEIDER-GS2SU3_V01 Datasheet
190Kb / 2P
   TeSys GS - switch-disconnector - fuse - 3 P - UL - 600 A- fuse size J
Jun 30, 2022
GS2QU3N SCHNEIDER-GS2QU3N_V01 Datasheet
146Kb / 3P
   TeSys GS - switch-disconnector-fuse - - 3 P - UL - 400 A- fuse size J
Jun 30, 2022
GS2TU3 SCHNEIDER-GS2TU3 Datasheet
177Kb / 2P
   TeSys GS - switch-disconnector-fuse - 3 P - UL 800 A - fuse size J
GS2MU3N SCHNEIDER-GS2MU3N Datasheet
140Kb / 3P
   TeSys GS - switch-disconnector-fuse - 3 P - UL - 200 A- fuse size J
GS2TU3 SCHNEIDER-GS2TU3_V01 Datasheet
191Kb / 3P
   TeSys GS - switch-disconnector-fuse - 3 P - UL - 800 A- fuse size J
Jun 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com