Electronic Components Datasheet Search |
|
2-1437397-0 Datasheet(PDF) 1 Page - Tyco Electronics |
|
|
2-1437397-0 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 8 page 281 Fuse & Switch 6 Catalog 1308389 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-1106-0803 UK: 8706-080-208 Note: All part numbers are RoHS Compliant. BUCHANAN Terminal Blocks Product Facts High Density Blocks n Fuse and Switch Blocks rated 15A and 300V. n High Density 0.36" [9.14] centerline spacing saves panel space; at least 33 circuits per foot. Fuse Blocks n Provide in-line circuit protection for virtually any circuit or group of circuits — select contacts for terminated or unterminated wire. n Remove, check and replace fuses safely and quickly — switch action fuse blocks open circuits before fuse can be removed or installed. n Contacts conservatively rated to 30 amperes. Switch Blocks n Quickly and easily interrupt a circuit or group of circuits — insert switch blocks directly in line. Contacts available for terminated or unterminated wire. n Keep circuits open for extended periods — switch blade can be removed entirely from block for lock- out protection. n Rated to 15 amperes. Common Features of 300 & 0300 Series n At least 91 circuits per 6-foot length, 3/4 inch center-to- center spacing. n Blocks meet 600 volt clearance and creepage spacings specified in UL, CSA, and NEMA Industrial Control Standards. n Choose nylon housing material — for more rugged applications; polypropylene for fire retardant characteristics. n Dovetail base fits standard mounting channel — can also be mounted on flat surfaces. n Only one end section needed per block assembly. n Readily identify circuits — mark directly on white, matte-surface puller assembly, marking tab on block, or use removable marking tape. n Open or close several circuits simultaneously — holes in puller handles allow use of nylon “ganging” rods. n Fuse and Switch block sections snap-fit with 300 & 600 Volt, phenolic Medium Duty, Heavy Duty, and Intermediate Heavy Duty blocks. LR25557 E63810 This broad line features High Density Blocks (Series 0135), Nylon & Polypropylene Blocks (Series 0300) and Phenolic Blocks (Series 300). |
Similar Part No. - 2-1437397-0 |
|
Similar Description - 2-1437397-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |