Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393844-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2-1393844-4
Description  Accessories Power Relay RM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393844-4 Datasheet(HTML) 2 Page - Tyco Electronics

  2-1393844-4 Datasheet HTML 1Page - Tyco Electronics 2-1393844-4 Datasheet HTML 2Page - Tyco Electronics 2-1393844-4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet Rev. IJ1
Issued 2009/10
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information only
to be used together with the
'Definitions' section in the cat-
alogue or at schrackrelays.com
in the ‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
SCHRACK
2
Accessories Power Relay RM (Continued)
RM Sockets for PCB and with solder terminals RM 78 700/701/702
Approvals
Z E135149
Technical data
RM 78 700/701/702
Rated current
10 A
Rated voltage / max. switching voltage AC
240 / 400 VAC
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 4.0/6.3 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
RM 78 700 Socket with quick connect terminals
Chassis cut-out
RM 78 701 Socket with solder terminals
RM 78 702 Socket with PCB terminals
Chassis cut-out
F0110-A
F0111-A
F0112-A
S0319-AB
S0319-AA
S0319-AA


Similar Part No. - 2-1393844-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393844-0 MACOM-2-1393844-0 Datasheet
487Kb / 4P
Power Relay RM 2/3/7
logo
TE Connectivity Ltd
2-1393844-0 TEC-2-1393844-0 Datasheet
333Kb / 4P
Plug-in version, PCB terminals, chassis- or DIN-rail mount
2-1393844-0 TEC-2-1393844-0 Datasheet
333Kb / 4P
Mechanical indicator
logo
Tyco Electronics
2-1393844-2 MACOM-2-1393844-2 Datasheet
487Kb / 4P
Power Relay RM 2/3/7
logo
TE Connectivity Ltd
2-1393844-2 TEC-2-1393844-2 Datasheet
333Kb / 4P
Plug-in version, PCB terminals, chassis- or DIN-rail mount
More results

Similar Description - 2-1393844-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RM78704 MACOM-RM78704 Datasheet
160Kb / 4P
Accessories Power Relay RM
2-1393844-3 MACOM-2-1393844-3 Datasheet
206Kb / 3P
Accessories Power Relay RM
2-1393844-5 MACOM-2-1393844-5 Datasheet
206Kb / 3P
Accessories Power Relay RM
logo
Ferroxcube Internationa...
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
RM, RM/I, RM/ILP cores and accessories
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
RM, RM/I, RM/ILP cores and accessories
ADJ-RM6 FERROXCUBE-ADJ-RM6 Datasheet
51Kb / 1P
RM, RM/I, RM/ILP cores and accessories
RM4-3C90 FERROXCUBE-RM4-3C90 Datasheet
65Kb / 5P
RM, RM/I, RM/ILP cores and accessories
RM6R-3D3-E40 FERROXCUBE-RM6R-3D3-E40 Datasheet
84Kb / 6P
RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com