Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-1393115-4 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 2-1393115-4
Description  General Purpose Relays Industrial Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393115-4 Datasheet(HTML) 3 Page - Tyco Electronics

  2-1393115-4 Datasheet HTML 1Page - Tyco Electronics 2-1393115-4 Datasheet HTML 2Page - Tyco Electronics 2-1393115-4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Relays
Industrial Relays
KUL Series Latching Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Terminal assignment
Bottom view on pins – Contact positions shown in diagrams is with the “RESET” input having been energized last.
Single Coil – DC
Dual Coil – AC or DC
1 Form C
2 Form C
3 Form C
1 Form C
2 Form C
Product code structure
Typical product code
KUL
-11
D
1
1
D
-12
Type
KUL
Enclosed magnetic latching relay
Contact arrangement and rating
5
1 form C (1 CO)
11 2 form C (2 CO)
14 3 form C (3 CO)
Coil Input
A AC
D DC
Mounting and options
1
Socket mount (plain) case
5
Bracket mount case
Terminal and contact material
1
4.75mm (.187in) quick connect/solder; Ag, 5A
5
4.75mm (.187in) quick connect/solder; AgCdO, 10A
Note: 5.21mm (.205) QC and PCB terminals available on request
Number of coils
S Single coil
D Dual coil
Coil voltage
Coil code: please refer to coil versions table
Product Code
Arrangement
Material
Coil
Case Style
Terminals
Part Number
KUL-5A15S-120
1 Form C, 1 CO
AgCdO
120 VAC
Plain case
Plug-in
1393116-4
KUL-11A15S-24
2 Form C, 2 CO
24 VAC
2-1393115-7
KUL-11A15S-120
120 VAC
2-1393115-6
KUL-11D15D-12
12 VDC
3-1393115-1
KUL-11D15D-24
24 VDC
3-1393115-2
KUL-11D15D-48
48 VDC
3-1393115-3
KUL-11D15S-12
12 VDC
3-1393115-4
KUL-11D15S-24
24 VDC
3-1393115-5
LATCH
RESET
-
+
+
-
2
5
7
A
B
LATCH
RESET
-
+
+
-
1
4
7
A
B
3
6
9
1
4
7
A
B
3
6
9
2
5
8
LATCH
RESET
-
+
+
-
2
5
7
A
B
9
LATCH
RESET
COMMON
1
4
7
A
B
3
6
9
8
LATCH
COMMON
LATCH
RESET
1
4
7
A
B
3
6
9
2
5
8
Single Coil – AC
1 Form C
2 Form C
3 Form C
LATCH
8
9
2
5
RESET
-
+
A
B
-
+
7
1
4
7
A
B
3
6
9
5
8
LATCH
-
+
+
-
1) Do not connect any low impedance loads from terminal B to A.
2) Resistor and diodes connected by customer. See Coil Data Chart for resistor value. Recommended using 1N4007 diode.
Polarity for DC only.
Polarity for DC only.
1)
1)
2)


Similar Part No. - 2-1393115-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1393115-0 TEC-2-1393115-0 Datasheet
617Kb / 3P
   KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
2-1393115-0 TEC-2-1393115-0 Datasheet
617Kb / 3P
   KUIP 8mm coil-to-contact spacing and KUGP 3mm contact gap
logo
Tyco Electronics
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
More results

Similar Description - 2-1393115-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
KUEP-11D15-125 TEC-KUEP-11D15-125 Datasheet
570Kb / 3P
   General Purpose Relays Industrial Relays
Rev. 0522
RMC TEC-RMC Datasheet
274Kb / 3P
   General Purpose Relays Industrial Relays
logo
Tyco Electronics
2-1393114-4 MACOM-2-1393114-4 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-0 MACOM-2-1393117-0 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-2 MACOM-2-1393117-2 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com