Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

153002 Datasheet(PDF) 1 Page - Littelfuse

Part # 153002
Description  FUSEHOLDERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

153002 Datasheet(HTML) 1 Page - Littelfuse

  153002 Datasheet HTML 1Page - Littelfuse 153002 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
98
FUSEHOLDERS
SPECIAL TYPES
For ATO
® Fuses In-Line Type
SPECIFICATIONS:
Electrical: Intended for use with 32 volts Autofuse® fuses
rated to 20 or 30 amperes depending on wire size and
terminal combinations.
Mounting: Capable of snap-mounting to panel from rear.
Fuseholders interlock for multiple mounting.
Molded Parts: Black Thermoplastic (UL 94V2).
Terminals: Brass. Tin-plated. Snap-lock into body.
Ambient Temperature: – 40°C to +85°C.
Wire: Stranded with PVC insulation, black #14 AWG for
155 300 Series and orange #10 AWG for 155 400 Series.
PATENTED
ORDERING INFORMATION:
Catalog Number
Assembled with
Assembled with
Fuse
8" Wire Loop,
8" Wire Loop
Amperage
Unassembled
No Fuse
and Fuse
Rating
155 320U
155 300
155 303A
3
(Terminals designed
(#14 wire/
155 304A
4
for #14 AWG
terminals rated
155 305A
5
stranded wire and
to 20A).
155 37.5A
7.5
marked “14”).
155 310A
10
155 315A
15
155 320A
20
155 430U
155 400
155 425A
25
(Terminals designed
(#10 wire/
155 430A
30
for #10 AWG
terminals rated
stranded wire and
to 30A).
marked “10”).
UNASSEMBLED
For MINI
® Fuses In-Line Type — Easy Crimp Fuseholder
SPECIFICATIONS:
Terminals: Copper Alloy/Tin plated.
Body: Black Thermoplastic.
Operating Temperature: – 40°C to +105°C.
Use standard crimping tool and crimp the matted area to
secure wire. (Possible crimp tool - Ideal #30-428 [Toothed
Die slot] or equivalent).
ORDERING INFORMATION:
For ATO
® Fuses P.C. Board Mount Type
SPECIFICATIONS:
Electrical: Intended for use with 32 volts ATO® fuses rated
to 15 amperes.
Molded Parts: Black Thermoplastic
Terminals: Copper Alloy, Tin Plated
Ambient Temperature: – 40°C to +85°C.
ORDERING INFORMATION:
Catalog Number: 04450715
Catalog
Number
Description
153 002
20A Max. Rating — Terminals will accept #16 – 22 AWG (1.0-
.33 mm2) stranded wire (use appropriate wire size based on
fuse usage). For example — Use #16 AWG wire for 20A fuse.
153 003
30A Max. Rating — Terminals will accept #10– 14 AWG (5.0-
2.0 mm2) stranded wire (use appropriate wire size based on
fuse usage). For example — Use #10 AWG wire for 30A fuse.
Typical Multiple Mounting
(fuseholders interlocked)
Recommended Panel Mounting Hole
(.04" / .078" thick panel)
.40"
1.46"
1.19"
.970"
.75"
.415"
.410"
1.10"
1.06"
.01" R. Max.
Add .400" to width for each additional fuseholder
Tool For Fuse Removal or Replacement; Part No. 097024.
MATTED
(CRIMP) AREA
.45"
END VIEW
.67"
.67"
2.07" Max
SIDE VIEW
.25"
Overall height with fuse installed is 1.0" Ref.
9.3
(.366")
21.8
(.858")
9.3
(.366")
2.5
(.098")
4.5
(.177") Ref.
9
(.354")
22
(.866")


Similar Part No. - 153002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
153002 LITTELFUSE-153002 Datasheet
217Kb / 2P
For ATO Fuses In-Line Type
153002 LITTELFUSE-153002 Datasheet
59Kb / 1P
For ATO Fuses In-Line Type
153002 LITTELFUSE-153002 Datasheet
46Kb / 1P
Intended for use
logo
Lumberg
153002 LUMBERG-153002 Datasheet
865Kb / 3P
Jack connectors
logo
Littelfuse
153002 LITTELFUSE-153002 Datasheet
269Kb / 1P
Intended for use with 32 volts Autofuse fuses
More results

Similar Description - 153002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Elektron Components Ltd...
FX0430 BULGIN-FX0430 Datasheet
1Mb / 18P
FUSEHOLDERS
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
Fuseholders
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
Fuseholders
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
Fuseholders
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
Fuseholders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com