Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

153002 Datasheet(PDF) 2 Page - Littelfuse

Part # 153002
Description  FUSEHOLDERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

153002 Datasheet(HTML) 2 Page - Littelfuse

  153002 Datasheet HTML 1Page - Littelfuse 153002 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
99
FUSEHOLDERS
SPECIAL TYPES
For MINI
® Fuses P.C. Board Mount Type
The MINI® Fuse P.C. board fuseholders bring the
reliability and availability of the plug-in 32V MINI® Fuse
to the circuit board. Vertical and horizontal mounting
of units is offered to meet a variety of requirements in
which circuit protection is desired for a low DC voltage
P.C. board application. The fuseholder body has “stand-
offs” to accommodate board washing and
incorporates a unique “board lock” anchor to maintain
a firm mechanical bond to the PCB during fuse
insertion and removal.
APPROVALS: Recognized under the Components
Program of Underwriters Laboratories for 15 amperes
and Certified by CSA for 10 amperes.
SPECIFICATIONS:
Electrical: Rated 32 VDC.
Mounting: Three fuseholders can be mounted side
by side (stacked) and operated at rated current.
Contact factory for applications involving more than
three stacked fuseholders.
Molded Parts: Black Thermoplastic body (UL 94V0).
Terminals: Copper Alloy. Tin Plated.
Ambient Temperature: – 40°C to +85°C.
Compatibility: Standard .062" PCB thickness.
Catalog
Number
Description
153 007
Horizontal Mount P.C.B. Holder
153 008
Single or Stackable (End Unit) Vertical Mount
P.C.B. Holder
153 009
Stackable Vertical Mount P.C.B. Holder
Tool For Fuse Removal or Replacement; Part No. 097024.
ORDERING INFORMATION:
.300"
.042"
.015"
.31"
.170"
.30"
.680"
.508"
BOARD
EDGE
.180"
.235"
.150"
.300"
.180"
P.C.B. FOOTPRINT
.050"
TYP.
.300"
.082"
®
SHOWN WITH 297 SERIES
MINI FUSE INSTALLED
HORIZONTAL MOUNT
(Part No. 153007)
®
®
.300"
.068"TYP.
P.C.B. FOOTPRINT
.300" TYP.
.149"
TYP.
.050"
TYP.
.300"
15 A
10 A
32 V
.680"
.508"
.152"
.042"
F
.160"
.300"
.30"
.753"
.090"
.062" REF.
PCB BOARD
.068"
TYP.
.150"
®
®
15 A
10 A
®
®
.050"
TYP.
.068" TYP.
.300"
P.C.B. FOOTPRINT
.150"
.068" TYP.
.149"
TYP.
Single or stackable
end unit (RH)
(Part No. 153008)
VERTICAL MOUNTS
Stackable unit
(Part No. 153009)
SHOWN WITH 297 SERIES
MINI FUSE INSTALLED
®


Similar Part No. - 153002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
153002 LITTELFUSE-153002 Datasheet
217Kb / 2P
For ATO Fuses In-Line Type
153002 LITTELFUSE-153002 Datasheet
59Kb / 1P
For ATO Fuses In-Line Type
153002 LITTELFUSE-153002 Datasheet
46Kb / 1P
Intended for use
logo
Lumberg
153002 LUMBERG-153002 Datasheet
865Kb / 3P
Jack connectors
logo
Littelfuse
153002 LITTELFUSE-153002 Datasheet
269Kb / 1P
Intended for use with 32 volts Autofuse fuses
More results

Similar Description - 153002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Elektron Components Ltd...
FX0430 BULGIN-FX0430 Datasheet
1Mb / 18P
FUSEHOLDERS
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
Fuseholders
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
Fuseholders
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
Fuseholders
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
Fuseholders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com