Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1520007Z Datasheet(PDF) 1 Page - Littelfuse

Part # 1520007Z
Description  Fuseholders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1520007Z Datasheet(HTML) 1 Page - Littelfuse

  1520007Z Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28
Fuseholders
Specifications
Terminals: Copper Alloy/Tin Plated with integral stainless steel
reinforcing spring
Wire Seal: Silicon Rubber
Body: Heat Stabilized Thermoplastic
Cover: Transparent Thermoplastic with integral silicon seal
Rated: 80A (Dependent on application - contact Littelfuse)
Ambient Temp.: -10˚C to +80˚C
*It is recommended that cross linked polyethelene (GLX) insulat-
ed wire be used, as described in SAE J1128 (Type, FLY in
DIN 76722) or equivalent.
Maxi Fuse Splashproof Holder for 20-70 Amp
Part
Number
Description
1520007Z
Cover with Intergal seal
1520004Z
Body with Mounting Tabs (one tab is slotted)
1520005Z
Body with Mounting Tabs
1520006Z
Body without Mounting Tabs
868-095
Blue Wire Seal for 1.5-4mm2
(14-12AWG) Wire
913-064
Single terminal 1.5-4mm2 (14-12AWG) Wire
913-064-001
Reeled terminals 1.5-4mm2 (14-12AWG) Wire
868-096
Gray Wire Seal for 4-10mm2 (10-8AWG) Wire
913-068
Single terminal 4-6mm2 (10AWG) Wire
913-068-001
Reeled terminals 4-6mm2 (10AWG) Wire
913-087
Single terminal 6-10mm2 (8AWG) Wire
913-087-001
Reeled terminals 6-10mm2 (8AWG) Wire
Maxi Fuse Splashproof Holder for 80 Amp
Part
Number
Description
1520007Z
Cover with Intergal seal
1520008Z
Body with Mounting Tabs, 80 Amp
1520009Z
Body without Mounting Tabs, 80 Amp
868-096
Gray Wire Seal for 4-10mm_ (10-8AWG) Wire
913-088
Single terminal 8mm_ (8AWG) Wire
913-088-001
Reeled terminals 8mm_ (8AWG) Wire
MAXIFuse
Splashproof Fuseholder
Ideal for high amperage MAXIFuse applications where a pro-
tective cover is required for harsh under-the-hood environments.
Visit our web site at www.littelfuse.com


Similar Part No. - 1520007Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1520007Z LITTELFUSE-1520007Z Datasheet
89Kb / 1P
MAXI??Fuse Splashproof Fuseholder
More results

Similar Description - 1520007Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
519 LITTELFUSE-519 Datasheet
89Kb / 1P
MINIATURE FUSEHOLDERS
647 LITTELFUSE-647 Datasheet
91Kb / 1P
MINIATURE FUSEHOLDERS
658 LITTELFUSE-658 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Elektron Components Ltd...
FX0430 BULGIN-FX0430 Datasheet
1Mb / 18P
FUSEHOLDERS
logo
Littelfuse
02982001Z LITTELFUSE-02982001Z Datasheet
120Kb / 1P
Fuseholders
153002 LITTELFUSE-153002 Datasheet
191Kb / 2P
FUSEHOLDERS
04450715H LITTELFUSE-04450715H Datasheet
64Kb / 1P
Fuseholders
03450101HX010 LITTELFUSE-03450101HX010 Datasheet
204Kb / 3P
Fuseholders
logo
Cooper Bussmann, Inc.
HHX COOPER-HHX Datasheet
59Kb / 1P
Fuseholders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com