Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAU123 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MAU123
Description  DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MAU123 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MAU123 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MAU123 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MAU123 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MAU123 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAU100 SERIES
DC/DC CONVERTER 1W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/23 REV:4 Page 1 of 4
FEATURES
SIP Package with Industry Standard Pinout
Package Dimension:
19.5 x 10.2 x 6.1 mm (0.77”x 0.4”x 0.24”) 5V&12V Models
19.5 x 10.2 x 7.1 mm (0.77”x 0.4”x 0.28”) 15V&24V Models
Single and Dual Output Models
I/O-Isolation 1000 VDC
Operating Temp. Range -40°C to +85°C
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MAU100 series is a range of 1W DC/DC converters in a small SIP Package featuring I/O-isolation of 1000VDC.
An excellent efficiency allows an operating temperature range of –40°C to +85°C.
These converters offer an economical solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination,
digital interfaces or for board level power distribution.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
µF
%
MAU101
3.3
260
5
235
10
73
MAU102
5
200
4
281
10
71
MAU103
9
110
2
260
8
76
MAU104
12
84
1.5
258
7
78
MAU105
15
67
1
258
7
220
78
MAU106
±5
±100
±2
278
10
72
MAU107
±9
±56
±1
262
8
77
MAU108
±12
±42
±0.8
258
7
78
MAU109
5
(4.5 ~ 5.5)
±15
±34
±0.7
258
30
7
100#
79
MAU111
3.3
260
5
96
8
74
MAU112
5
200
4
114
8
73
MAU113
9
110
2
106
5
78
MAU114
12
84
1.5
105
5
80
MAU115
15
67
1
104
5
220
80
MAU116
±5
±100
±2
113
8
74
MAU117
±9
±56
±1
106
5
79
MAU118
±12
±42
±0.8
104
5
81
MAU119
12
(10.8 ~ 13.2)
±15
±34
±0.7
105
12
5
100#
81
MAU151
5
200
4
93
8
72
MAU152
12
84
1.5
85
5
79
MAU153
15
67
1
85
5
220
79
MAU154
±5
±100
±2
93
8
72
MAU155
±12
±42
±0.8
85
5
80
MAU156
15
(13.5 ~ 16.5)
±15
±34
±0.7
85
11
5
100#
80
MAU121
3.3
260
5
49
8
73
MAU122
5
200
4
59
8
71
MAU123
9
110
2
54
5
76
MAU124
12
84
1.5
54
5
78
MAU125
15
67
1
53
5
220
79
MAU126
±5
±100
±2
58
8
72
MAU127
±9
±56
±1
55
5
76
MAU128
±12
±42
±0.8
53
5
79
MAU129
24
(21.6 ~ 26.4)
±15
±34
±0.7
53
7
5
100#
80
# For each output


Similar Part No. - MAU123

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAU123 ETC-MAU123 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
Total Power Internation...
MAU123 TOTAL-POWER-MAU123 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
Minmax Technology Co., ...
MAU123 MINMAX-MAU123 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MAU123 TOTAL-POWER-MAU123 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU123

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200_13 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
   DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSAU200 MINMAX-MSAU200_11 Datasheet
268Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU300 MINMAX-MSAU300_11 Datasheet
266Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU100 MINMAX-MSAU100_11 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MFU100 MINMAX-MFU100_12 Datasheet
254Kb / 4P
   DC/DC CONVERTER 1W Miniature DIP-Package with Industry Standard Pinout
MSLU300 MINMAX-MSLU300_11 Datasheet
271Kb / 4P
   DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MAU200 TOTAL-POWER-MAU200_17 Datasheet
462Kb / 4P
   SIP Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com