Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

154062 Datasheet(PDF) 1 Page - Littelfuse

Part # 154062
Description  FUSE BLOCKS AND CLIPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

154062 Datasheet(HTML) 1 Page - Littelfuse

  154062 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
With Very Fast-Acting Fuse Installed
Catalog
Ampere
Fuse
Number
Rating
Furnished
1
154.062
1/16
0453.062
154.125
1/8
0453.125
154.250
1/4
0453.250
154.375
3/8
0453.375
154.500
1/2
0453.500
154.750
3/4
0453.750
154 001
1
0453 001.
154 01.5
1.5
0453 01.5
154 002
2
0453 002.
154 02.5
2.5
0453 02.5
154 003
3
0453 003.
154 03.5
3.5
0453 03.5
154 004
4
0453 004.
154 005
5
0453 005.
154 007
7
0453 007.
With Slo-Blo
® Fuse Installed
Catalog
Ampere
Fuse
Number
Rating
Furnished
2
154.375T
3/8
0454.375
154.500T
1/2
0454.500
154.750T
3/4
0454.750
154 001T
1
0454 001.
154 01.5T
11/2
0454 01.5
154 002T
2
0454 002.
154 02.5T
21/2
0454 02.5
154 003T
3
0454 003.
154 03.5T
31/2
0454 03.5
154 004T
4
0454 004.
154 005T
5
0454 005.
1 453 Series Fuse has silver plated end caps, installed to accommodate solder reflow
process. Use either 451 or 453 Series for replacement purposes, page 34.
2 454 Series Fuse has silver plated end caps, installed to accommodate solder reflow
process. Use either 452 or 454 Series for replacement purposes, page 35.
102
FUSE BLOCKS AND CLIPS
FOR NANO
SURFACE MOUNT FUSES
SMF OMNI-BLOK
® Fuse Block Molded Base Type
The SMF Omni-Blok® Fuseholder permits quick and easy
replacement of NanoSMF surface mount fuses. The fuse
block and pre-installed fuse combination can be placed on
the PC board in one efficient manufacturing operation. Fuse
replacement is accomplished without exposing the PC
board to the detrimental effects of solder heat. Refer to
notes 1 and 2, below, for fuse/fuseholder combinations
available.
APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA.
SPECIFICATIONS:
Electrical: 7 Amperes, 125 Volts.
Molded Parts: Thermoplastic (94V0).
Terminals: Tin/Lead Alloy Plated Beryllium Copper.
Ambient Temperature: – 55°C to +125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds).
Vibration: MIL-STD-202, Method 201 (10– 55 Hz).
Thermal Shock: MIL-STD-202, Method 107, Condition A
(200 cycles: 30 minutes at – 55°C, 30 minutes at 125°C).
Soldering Parameters (Fuse Installed):
Reflow — 154 000:
500°F (260°C), 30 sec.
154 000T: 445°F (230°C), 30 sec.
Solderability: MIL-STD-202, Method 208.
Packaging: 16mm Tape and Reel for use with automatic pick
and place equipment per EIA Standard 481; 1500 per reel.
PATENTED
ORDERING INFORMATION:
®
®
LF
7A
.150"
.084"
REF.
.418"
.167"
.383" REF.
.150"
.198"
FUSE
Recommended Pad Layout


Similar Part No. - 154062

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15406 ETC2-15406 Datasheet
219Kb / 1P
   MINIATURE TURRET TERMINAL BOARD
logo
Turck, Inc.
1540601 TURCK-1540601 Datasheet
342Kb / 3P
   Inductive Sensor
11/07/2023
logo
Wurth Elektronik GmbH &...
1540601NBA500 WURTH-1540601NBA500 Datasheet
1Mb / 8P
   WL-STCW SMT Phototransistor Chip Waterclear
001.000
1540601NEA200 WURTH-1540601NEA200 Datasheet
1Mb / 9P
   WL-STCB SMT Phototransistor Chip Black
002.000
logo
Turck, Inc.
1540602 TURCK-1540602 Datasheet
392Kb / 3P
   Inductive Sensor – With Extended Switching Distance
11/07/2023
More results

Similar Description - 154062

ManufacturerPart #DatasheetDescription
logo
Littelfuse
354001-GY LITTELFUSE-354001-GY Datasheet
703Kb / 1P
   Fuse Blocks and Clips
354000 LITTELFUSE-354000 Datasheet
99Kb / 1P
   Fuse Blocks and Clips
01110005MR LITTELFUSE-01110005MR Datasheet
136Kb / 1P
   Fuse Blocks and Clips
01000058Z LITTELFUSE-01000058Z Datasheet
303Kb / 4P
   Fuse Blocks and Clips
3AG LITTELFUSE-3AG_1 Datasheet
661Kb / 4P
   Fuse Blocks and Clips Screw Terminal
354 LITTELFUSE-354 Datasheet
100Kb / 1P
   Fuse Blocks and Clips - For 3AG Fuses
356001 LITTELFUSE-356001 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
254 LITTELFUSE-254 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
L60030M-1C LITTELFUSE-L60030M-1C Datasheet
122Kb / 1P
   Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com