Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

76218002 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 76218002
Description  MULTI-FUNCTION MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

76218002 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  76218002 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics Corp.
PPC DIVISION
Part Number:
762-18/002
Description:
MULTI-FUNCTION MODULE
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
B.ZHANG
03-19-04
03-19-04
JJH / 03-19-04
UNIT: in
REV. E
CONTROLLED
APPROVED
DATE
DESCRIPTION
REV.
REVISION
B
C
D
E
RoHS Compliancy
Updated Specifications
Updated Graphics and Specifications
Updated Switch Orientation
06-01-06
01-24-08
10-26-09
01-27-10
DP
DP
LY
LY
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
ELECTRICAL SCHEMATIC:
MECHANICAL DIMENSIONS:
2.65
FUSE HOLDER
R0.04MAX
2.6 ± 0.003
PANEL CUTOUT
2.57
1.06
ELECTRICAL CHARACTERISTICS:
1-1.
VOLTAGE RATING.....................................................115/250VAC
1-2.
CURRENT RATING
A. @ 115/250VAC (UL, CSA) ...............6 A RMS MAX
B. @ 250VAC (SEMKO) .........................6 A RMS MAX
1-3.
OPERATING FREQUENCY .........................................48-440Hz
1-4.
HIPOT RATING (FOR ONE MINUTE)
A. LINE TO GROUND ............................2000 VDC
B. LINE TO LINE ......................................2000 VDC
1-5.
MINIMUM INSULATION RESISTANCE: @ 500VDC ONE MINUTE
A. LINE & NEUTRAL TO GROUND .....10M OHM
B. LINE & NEUTRAL ................................10M OHM
1-6.
SAFETY:
1-7.
SINGLE 5x20mm FUSEHOLDER
1-8.
SNAP-IN PANEL THICKNESS: .04IN~.07IN (1.0mm~1.8mm)
1-9.
RoHS COMPLIANT
.250


Similar Part No. - 76218002

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
76218003 QUALTEK-76218003 Datasheet
831Kb / 1P
MULTI-FUNCTION MODULE
76218004 QUALTEK-76218004 Datasheet
854Kb / 1P
MULTI-FUNCTION MODULE
76218005 QUALTEK-76218005 Datasheet
853Kb / 1P
MULTI-FUNCTION MODULE
More results

Similar Description - 76218002

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
755-00-28 QUALTEK-755-00-28 Datasheet
367Kb / 1P
MULTI-FUNCTION MODULE
761-18-003 QUALTEK-761-18-003 Datasheet
379Kb / 1P
MULTI-FUNCTION MODULE
761-18-004 QUALTEK-761-18-004 Datasheet
377Kb / 1P
MULTI-FUNCTION MODULE
762-18-003 QUALTEK-762-18-003 Datasheet
376Kb / 1P
MULTI-FUNCTION MODULE
763-00-001 QUALTEK-763-00-001 Datasheet
436Kb / 1P
MULTI-FUNCTION MODULE
764-00-003 QUALTEK-764-00-003 Datasheet
386Kb / 1P
MULTI-FUNCTION MODULE
76118003 QUALTEK-76118003 Datasheet
854Kb / 1P
MULTI-FUNCTION MODULE
766-32-001 QUALTEK-766-32-001 Datasheet
435Kb / 1P
MULTI-FUNCTION MODULE
766-32-002 QUALTEK-766-32-002 Datasheet
435Kb / 1P
MULTI-FUNCTION MODULE
logo
Contec Co., Ltd
CPS-MC341-ADSC1-111 CONTEC-CPS-MC341-ADSC1-111 Datasheet
540Kb / 3P
Multi-Function Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com