Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT10-1532-G2 Datasheet(PDF) 1 Page - Coto Technology

Part # CT10-1532-G2
Description  Tape and reel packaging
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CT10-1532-G2 Datasheet(HTML) 1 Page - Coto Technology

  CT10-1532-G2 Datasheet HTML 1Page - Coto Technology CT10-1532-G2 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CT10 SERIES ENCAPSULATED MOLDED SWITCH
tel: (401) 943.2686
|
fax: (401) 942.0920
96 | page
CT10 Series
The CT10 is an encapsulated molded dry reed switch. It is single-pole, single throw
(SPST) type, having normally open ruthenium contacts.
The sensor is a double-ended type and may be actuated with an electromagnet, a per-
manent magnet or a combination of both.
The device is designed for SMD mounting and is available in three lead configura-
tions.
* NEW CT10-G2 now 260 ºC process temperature hardy.
CT10 Series Features
u
Ideal for SMD pick and place
u
Tape and reel packaging
u
10W rating
u
Rugged encapsulation
u
Excellent life and reliability
u
RoHS compliant
u
Proximity Sensing
u
Security Alarm Sensor
u
Level Sensor
u
Flow Sensor
u
Pulse Counter
APPLICATIONS
MODEL NUMBER
CT10-XXXX-YY
Parameters
Units
OPERATING CHARACTERISTICS
Operate Range
AT
10-40
Release Range
AT
3-35
ELECTRICAL CHARACTERISTICS
Switched Power (max)
W
10
Switched Voltage DC (max)
V
200
Switched Voltage AC, RMS value (max)
V
140
Switched Current DC (max)
mA
500
Switched Current AC, RMS value (max)
mA
500
Carry Current DC (max)
A
0.5
Breakdown Voltage (min)
V
230
Contact Resistance (initial max)
200
Insulation Resistance (min)
106
ENVIRONMENTAL RATINGS
Storage Temperature
ºC
-40 to + 125
Operating Temperature
ºC
-40 to + 125
Vibration Temperature
G
10
Shock Resistance
G
100
u
AT values measured using a Philips 10JK coil.
u
Surface mount component processing temperature Model G1 & G2: 500°F(260°C) max for 1 minute dwell time; Model G4 & A2:
439°F(226°C) max for 1 minute dwell time.
u
Temperature measured on leads where lead exits molded package.
NOTES
NEW!
CT10-G2


Similar Part No. - CT10-1532-G2

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2_15 Datasheet
738Kb / 2P
ENCAPSULATED MOLDED SWITCH
More results

Similar Description - CT10-1532-G2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
Tape and reel packaging
May 2014 Rev 5
logo
Connor-Winfield Corpora...
EC277 CONNOR-WINFIELD-EC277 Datasheet
462Kb / 2P
Tape and Reel Packaging
logo
Analog Devices
ADR3440ARJZ AD-ADR3440ARJZ Datasheet
395Kb / 6P
Tape and Reel Packaging
logo
M/A-COM Technology Solu...
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
Tape and Reel Packaging Available
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
Tape and reel packaging available
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
Tape and Reel Packaging Available
MAAD-007083 MA-COM-MAAD-007083 Datasheet
787Kb / 5P
Tape and Reel Packaging Available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com