Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYS-1U1010-4A01 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SYS-1U1010-4A01
Description  1U Intel짰 Core?? Quad ATX/ LGA771 Xeon LV System
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SYS-1U1010-4A01 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SYS-1U1010-4A01 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pre-Configured Systems
All product specifications are subject to change without notice
Last updated : 19-May-2010
Features
SYS-1U1010-4A01
SYS-1U1010-5S01 1UIntel®Core™2QuadATX/
LGA771 Xeon LV System
Specifications
Form Factor
SYS-1U1010-4A01
SYS-1U1010-5S01
Computing System
Chipset
Intel Q35 + ICH9 DO
Intel E5100 + ICH9R
CPU
Supports Intel Core 2 Quad processor up to 2.66 GHz
Supports LGA771 Xeon LV Quad processor
Front Side Bus
800 / 1066 / 1333 MHz
1333/1066 MHz
L2 Cache
up to 6 MB
up to 12 MB
Memory
Dual channel DDR2 667/800 MHz SDRAM up to 8 GB
Dual-channel DDR2 533/667 MHz Registered ECC DIMMs
up to 32 GB
Graphics
Controller
Intel GMA 3100 sharing 384 MB system memory
XGI Volari Z11
Expansion Slot
PCI
1
PCIe x16 + PCI
Storage
Optical Drive (support)
Slim DVD-ROM / CD-RW / CD-ROM
Slim DVD-ROM / CD-RW / CD-ROM
HDD (support)
SATA
SATA
Drive Bay
Slim ODD Bay
1
1
3.5" (front-accessible)
1 SATA HDD
1 SATA HDD
3.5" (internal)
1 SATA HDD
-
2.5"(Internal)
-
1
Ethernet
Interface
10/100/1000 Mbps Gigabit Ethernet
10/100/1000 Mbps Gigabit Ethernet
Controller
Intel 82566DM, Intel 82573L
Intel 82566DM, Intel 82573V
Front I/O Ports
USB
2
Rear I/O Ports
USB
4
-
PS/2
2
1
COM
2
-
VGA
1
1
Parallel
1
-
RJ-45
2
2
Audio
2 (Mic-in, Line-out)
-
Operating System
Microsoft Windows 2000/XP/Windows 7
Windows Server 2008/2003
Power Supply
Power Output Wattage
300 W
300 W
Input Range
AC 100 ~ 240 V
AC 100 ~ 240 V
Cooling
Chassis Fan
2
4
Miscellaneous
Notification LEDs
System: Power, HDD, Temperature, Fan, LAN1 and LAN2 System: Power, HDD, Temperature, Fan, LAN1 and LAN2
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C non-condensing
10 ~ 95% @ 40° C non-condensing
Physical Characteristics
Color
Black
Black
Dimensions (W x H x D)
480 x 44 x 500 mm (19" x 1.7" x 19.7")
480 x 44 x 500 mm (19" x 1.7" x 19.7")
Weight
9 kg (19.8 lb)
9 kg (19.8 lb)
Ordering Information
Please visit Advantech CTOS portal for order entry.
http://www.advantech.com/ctos
System Content
Item
Part Number
SYS-1U1010-4A01
Chassis
ACP-1010MB0-30ZE
MB
AIMB-766G2-00A1E
Riser card
AIMB-RP10P-01A1E
SYS-1U1010-5S01
Chassis
ACP-1010BP-30ZE
SBC
PCE-7214G2-00A1E
Backplane
PCE-5B03V-01A1E
Space-saving 1U rackmount chassis, ideal building block for
business expansion
MB: Intel® Q35 platform of
Supports Intel® Core™2 Quad processor up to 2.66 GHz
Supports dual channel DDR2 SDRAM up to 8 GB
BP: compliant with PICMG 1.3
Supports Intel® LGA771 Xeon LV Quad processor
Supports dual channel DDR2 registered ECC DIMMs up to 32 GB
Expandability
Supports a slim ODD, and two 3.5" disk drives
Supports up to 2 expansion slots in BP version, and 1 expansion slot
via riser card in MB version
-
-
-
-
-
-
NEW


Similar Part No. - SYS-1U1010-4A01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-1U1010-5S01 ADVANTECH-SYS-1U1010-5S01 Datasheet
265Kb / 1P
   1U Intel짰 Core?? Quad ATX/ LGA771 Xeon LV System
More results

Similar Description - SYS-1U1010-4A01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SYS-1U1010-5S01 ADVANTECH-SYS-1U1010-5S01 Datasheet
265Kb / 1P
   1U Intel짰 Core?? Quad ATX/ LGA771 Xeon LV System
PCE-7214 ADVANTECH-PCE-7214_V01 Datasheet
1Mb / 2P
   Dual LGA771 Quad Core Xeon/Xeon LV SHB with VGA Dual GbE
25-Apr-2011
PCE-7214 ADVANTECH-PCE-7214 Datasheet
411Kb / 2P
   Dual LGA771 Quad Core Xeon/Xeon LV SHB with VGA Dual GbE
logo
AAEON Technology
CRS-700M-4R AAEON-CRS-700M-4R Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core??Network Appliance
CRS-700M-4R AAEON-CRS-700M-4R_15 Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core Network Appliance
logo
Advantech Co., Ltd.
SYS-1U1320-4A02 ADVANTECH-SYS-1U1320-4A02 Datasheet
401Kb / 2P
   1U Intel짰 Core??2 Quad ATX System with Two SATA HDD Trays
SYS-1U1320-4A02 ADVANTECH-SYS-1U1320-4A02_10 Datasheet
268Kb / 1P
   1U Intel짰 Core?? Quad ATX / PICMG 1.0 System with Dual SATA/SAS HDD Trays
SYS-4U610-4A02 ADVANTECH-SYS-4U610-4A02 Datasheet
431Kb / 2P
   4U Intel짰 Core??2 Quad ATX / Core 2 Duo SBC System
SYS-1U1320-4S01 ADVANTECH-SYS-1U1320-4S01 Datasheet
2Mb / 2P
   1U Intel짰 Core??2 Quad ATX/ PICMG 1.3 SBC System with Dual SATA/SAS HDD Trays
SYS-7W7220-4A02 ADVANTECH-SYS-7W7220-4A02 Datasheet
551Kb / 2P
   Intel짰 Core??2 Quad ATX Desktop System with Front Drive Bays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com