Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GOT-3846T-832 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT-3846T-832
Description  Supports WLAN module & external antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT-3846T-832 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT-3846T-832 Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT-3846T-832 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
483
1. Power switch
2. DC power input
3. USB 2.0 x 2
4. COM 1 (RS-232/422/485)
5. COM 3 (RS-232)
6. COM 2 (RS-232)
7. COM 4 (RS-232)
8. VGA
9. Ethernet x 2
10. USB 2.0 x 2
11. Audio (Line-out)
GOT3846T-832
8.4" SVGA TFT Fanless Touch Panel
Computer with Intel
® Atom™ Processor
(-20°C +55°C)
8.4" SVGA (800 x 600) color TFT LCD display
Fanless design with Intel
® Atom™ processor N2600 1.6 GHz
Supports wide temperature range of -20°C ~ +55°C
Aluminum front bezel & chassis
Supports WLAN module & external antenna
Supports 4 USB 2.0 & 4 COM ports
Supports panel mount, wall mount, VESA arm, desktop stand
Introduction
Specifications
The GOT3846T-832 is the 8.4" fanless touch panel computer. By supporting a wide
temperature range from -20°C ~ +55°C, it is especially designed for harsh environments.
The GOT3846T-832 adopts a modern, super sleek fanless design, is equipped with a 8.4"
TFT LCD, and low power consumption Intel processor. In response to customer's requests
for wireless applications, the GOT3846T-832 has a Mini card slot and an optional fixed
rotational WLAN antenna for wireless network connection. By just plugging in the Mini
card WLAN card, customers have instant access wireless LAN. The GOT3846T-832 is
used extensively for variety of industry needs including transportation, packing field
surveillance, building automation, and more.
Wide-temperature (-20°C ~ +55°C) supported
The GOT3846T-832 adopts unique extended temperature technology, with a temperature
range from -20°C ~ +55°C, with a fanless cooling system and compact design for harsh
environments.
WLAN antenna supported (optional)
The GOT3846T-832 provides a Mini card slot and an optional fixed rotational WLAN
antenna for wireless network connections. By simply plugging in the wireless LAN card,
customers can use the unit in a wireless environment.
Anti-vibration up to 1G
With a special vibration-resistant design patent, GOT3846T-832 can work well under 1G
(5~500Hz) in operation mode, and equipped with a 2.5" HDD.
Front Bezel
IP65, NEMA 4 rugged protection, aluminum front bezel
LCD Panel
Display Type
8.4" SVGA TFT LCD
Brightness (cd/m
2)
450 nits
Resolution
800 x 600
View Angle (H/V)
160°/140°
Main System
CPU
Intel
® Atom™ processor N2600 1.6
GHz
Chipset
Intel
® NM10 Express
System
Memory
1 x 204-pin DDR3 800 SO-DIMM
max. up to 2 GB
BIOS
AMI 8 Mbit with RPL/PXE LAN boot
Rom
Storage
1 x 2.5" SATA HDD
1 x CompactFlash™ (optional)
Watchdog Timer
255 levels, 0~255 sec.
Onboard Graphics
Integrated Intel GFX
I/O Connector
3 x RS-232 (COM 2/3/4)
1 x RS-232/422/485 (COM 1)
1 x VGA
1 x Audio (Line-out)
4 x USB 2.0
2 x 10/100/1000Mbps Ethernet
Features
Extended
Temperature
Fanless
Low Power
DualView
Side view
Rear view
2
5
7
8
1
3
4
9
10 11
6
DDR3
DDR3
DDR3
AiRD


Similar Part No. - GOT-3846T-832

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
   Compact design for space-limited application
GOT-3840TL AXIOMTEK-GOT-3840TL_16 Datasheet
318Kb / 2P
   Compact design for space-limited application
GOT-3840TL AXIOMTEK-GOT-3840TL_17 Datasheet
315Kb / 2P
   8.4 SVGA TFT Cost-effective Fanless Touch Panel Computer
More results

Similar Description - GOT-3846T-832

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3846T-832 AXIOMTEK-GOT3846T-832 Datasheet
406Kb / 2P
   Supports WLAN module and external antenna
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT_16 Datasheet
498Kb / 2P
   Supports WLAN module & antenna
GOT3187W-881-PCT AXIOMTEK-GOT3187W-881-PCT Datasheet
1Mb / 2P
   Supports WLAN module & antenna (optional)
GOT5100T-832 AXIOMTEK-GOT5100T-832_16 Datasheet
491Kb / 2P
   Supports WLAN module & internal antenna
GOT5840T-834 AXIOMTEK-GOT5840T-834 Datasheet
527Kb / 2P
   Supports WLAN module & internal antenna
GOT-3126TL-830 AXIOMTEK-GOT-3126TL-830 Datasheet
389Kb / 2P
   Supports WLAN antenna
GOT-3156T-823 AXIOMTEK-GOT-3156T-823 Datasheet
264Kb / 2P
   Supports WLAN antenna
GOT-3571T AXIOMTEK-GOT-3571T Datasheet
344Kb / 2P
   Supports WLAN antenna
GOT-3570T AXIOMTEK-GOT-3570T Datasheet
344Kb / 2P
   Supports WLAN antenna
logo
Maxtena Inc.
MEA-2400-UWB-SMA MAXTENA-MEA-2400-UWB-SMA Datasheet
439Kb / 3P
   External Mount Wi-Fi/ISM/ZigBee/WLAN/Bluetooth 2.4GHz Antenna
REV A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com