Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GOT-3570T Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT-3570T
Description  Supports WLAN antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT-3570T Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT-3570T Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT-3570T Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
488
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Industrial Panel
Computers &
Monitors
Heavy-duty
Fanless Touch
Panel Computers
Digital
Signage
Solutions
Healthcare
& Medical
Solutions
Open Frame
Panel
Computers
Accessories
© 2013 Axiomtek Co., Ltd. All rights reserved.
Ordering Information
Specifications
Optional EOS Installation
Dimensions
Expansion Interface
1 x MiniPCI slot
1 x PC/104 slot
Touchscreen
Resistive type
Power Supply
24VDC, 55W, w/ fuse power protection
Dimensions
208.5 mm (8.21 ) (W) x 59.5 mm (2.34 ) (D)
x 167.3 mm (6.59 ) (H)
Packing Dimensions
340 mm (13.39") (W) x 100 mm (3.94") (D)
x 230 mm (9.06") (H)
Weight (net/gross)
1.3 kg (2.87 lb)/2 kg (4.4 lb)
Environment
Operating temperature:
0° ~ +50°C (32°F ~ 122°F) (in airflow condition)
0° ~ +45°C (32°F ~ 113°F)
Storage Temperature: -20°C ~ +80°C (-4°F ~ +176°F)
Relative humidity: 10% ~ 95% @ 40°C; non-condensing
Operation vibration (w/o expansion):
2G, 5 ~ 500Hz, random for CompactFlash
Certification
CE
GOT-3570T
5.7 QVGA TFT compact fanless touch panel computer
E223570102
1 x PC/104 slot
E223570103
2 x PC/104 slot
50966A23040E
Power adapter, 70W, 110~230VAC to 24VDC
Wireless kit
802.11 b/g wireless LAN kit
* Specification and certifications are based on options and may vary.
Windows
® CE.NET
195.5


Similar Part No. - GOT-3570T

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3571T AXIOMTEK-GOT-3571T Datasheet
344Kb / 2P
Supports WLAN antenna
More results

Similar Description - GOT-3570T

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3126TL-830 AXIOMTEK-GOT-3126TL-830 Datasheet
389Kb / 2P
Supports WLAN antenna
GOT-3156T-823 AXIOMTEK-GOT-3156T-823 Datasheet
264Kb / 2P
Supports WLAN antenna
GOT-3571T AXIOMTEK-GOT-3571T Datasheet
344Kb / 2P
Supports WLAN antenna
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT_16 Datasheet
498Kb / 2P
Supports WLAN module & antenna
GOT3187W-881-PCT AXIOMTEK-GOT3187W-881-PCT Datasheet
1Mb / 2P
Supports WLAN module & antenna (optional)
GOT5100T-832 AXIOMTEK-GOT5100T-832_16 Datasheet
491Kb / 2P
Supports WLAN module & internal antenna
GOT5840T-834 AXIOMTEK-GOT5840T-834 Datasheet
527Kb / 2P
Supports WLAN module & internal antenna
GOT-3846T-832 AXIOMTEK-GOT-3846T-832 Datasheet
311Kb / 2P
Supports WLAN module & external antenna
GOT3846T-832 AXIOMTEK-GOT3846T-832 Datasheet
406Kb / 2P
Supports WLAN module and external antenna
logo
Pulse A Technitrol Comp...
W3078 PULSE-W3078 Datasheet
1Mb / 13P
Dualband WLAN Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com