Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GOT-3570T Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT-3570T
Description  Supports WLAN antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT-3570T Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT-3570T Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT-3570T Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
487
1. Power switch
2. DC power connector
3. COM 2 (RS-232)
4. COM 1 (RS-232/422/485)
5. PC/104 slot
6. Ethernet
7. USB 2.0 x 2
8. Audio (Line-out)
9. CompactFlash
GOT-3570T
5.7" QVGA TFT Compact Fanless Touch
Panel Computer
5.7" QVGA (320 x 240) 450 nits color TFT LCD
Fanless cooling system with AMD Geode LX800 500 MHz
processor
Supports WLAN antenna (optional)
Easy for expansion: PC/104, MiniPCI
Embedded OS: Windows CE.NET supported
Introduction
Specifications
The GOT-3570T is a 5.7 fanless touch panel computer. It adopts AMD Geode LX800 500
MHz processor and fanless cooling system. With CISC-base low power consumption
processor, AMD LX800 500 MHz, the GOT-3570T greatly improves the performance
such as hardware expansion, operating function and storage. Besides, the GOT-3570T
is equipped with PC/104 and provides one MiniPCI slot for expansion and is the best
solution for factory automation, machine maker and building automation.
High performance and 450 nits TFT LCD
In response to market demand, the GOT-3570T adopts CISC-base AMD Geode LX800 500
MHz processor and 450 nits display. Unlike the traditional RISC-base product, the GOT-
3570T has greatly improved I/O expansion, operating performance and storage capability.
Easy to extend: PC/104 & Mini PCI & WLAN antenna (optional)
The GOT-3570T is equipped with PC/104 slot for communication expansion such as serial
ports, DIO/AIO points and LAN port. Besides, it also provides MiniPCI slot for wireless
expansion. By simply plugging in the wireless LAN card, customers can use the GOT-
3570T in wireless environment.
Easy to plug: CF card design
The GOT-3570T is designed with the concept of easy-to-update. User can update the
newest WinCE.NET image just by changing CF card from its easy-to-plug CF slot.
Front Bezel
IP65, NEMA 4 rugged protection, plastic front bezel
LCD Panel
Display Type
5.7" QVGA TFT LCD
Brightness (cd/m
2)
450 nits
Resolution
320 x 240
Viewing Angle (H/V) 120° /100°
Main System
CPU
AMD Geode LX800 500 MHz
Chipset
AMD LX + CS5536AD
System Memory
1 x 200-pin DDR SO-DIMM min
256MB, max. up to 512 MB
BIOS
Award 4Mbit with RPL/PXE LAN boot
ROM, Smartview and customer
CMOS backup
Storage
1 x CompactFlash™
Watchdog Timer
255 levels, 0~255 sec.
Onboard Graphics
Integrated in AMD LX chipset
I/O Connector
1 x RS-232 (COM 2)
1 x RS-232/422/485 (COM 1)
2 x USB 2.0
1 x 10/100Mbps Ethernet
1 x Audio (Line-out)
Features
Extended
Temperature
Fanless
Low Power
DualView
Side view
1 2
3
6 7 8
9
4
5


Similar Part No. - GOT-3570T

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3571T AXIOMTEK-GOT-3571T Datasheet
344Kb / 2P
Supports WLAN antenna
More results

Similar Description - GOT-3570T

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3126TL-830 AXIOMTEK-GOT-3126TL-830 Datasheet
389Kb / 2P
Supports WLAN antenna
GOT-3156T-823 AXIOMTEK-GOT-3156T-823 Datasheet
264Kb / 2P
Supports WLAN antenna
GOT-3571T AXIOMTEK-GOT-3571T Datasheet
344Kb / 2P
Supports WLAN antenna
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT_16 Datasheet
498Kb / 2P
Supports WLAN module & antenna
GOT3187W-881-PCT AXIOMTEK-GOT3187W-881-PCT Datasheet
1Mb / 2P
Supports WLAN module & antenna (optional)
GOT5100T-832 AXIOMTEK-GOT5100T-832_16 Datasheet
491Kb / 2P
Supports WLAN module & internal antenna
GOT5840T-834 AXIOMTEK-GOT5840T-834 Datasheet
527Kb / 2P
Supports WLAN module & internal antenna
GOT-3846T-832 AXIOMTEK-GOT-3846T-832 Datasheet
311Kb / 2P
Supports WLAN module & external antenna
GOT3846T-832 AXIOMTEK-GOT3846T-832 Datasheet
406Kb / 2P
Supports WLAN module and external antenna
logo
Pulse A Technitrol Comp...
W3078 PULSE-W3078 Datasheet
1Mb / 13P
Dualband WLAN Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com