Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBOX320-852-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # TBOX320-852-FL
Description  Fanless operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

TBOX320-852-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  TBOX320-852-FL Datasheet HTML 1Page - Axiomtek Co., Ltd. TBOX320-852-FL Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
267
* All specifications and photos are subject to change without notice.
tBOX320-852-FL
Fanless Embedded System with Intel
®
Core™2 Duo Processor 2.26 GHz and Intel
®
GM45 Chipset for Railway PC
Supports onboard Intel
® Core™2 Duo SP9300 2.26 GHz or Intel®
Celeron
® M 723 1.2 GHz processor
Intel
® GM45 + ICH9M chipset
Fanless operation
Operatin temperature range of -25°C ~ +55°C
4 isolated RS-232/422/485 ports
High performance DDR3-1333 2 GB DRAM onboard
One 2.5" swappable SATA drive bay, 1 internal SATA drive bay
and one CompactFlash™
2 internal PCI Express Mini Card slots with one SIM slot
Lockable I/O interface and M12 LAN connector
Comply to fire protection of railway vehicles Europe standard
PrCEN TS 45545-2
Features
Specifications
Standard Color
Silver-Black
Construction
Aluminum extrusion and heavy-duty steel, IP40
CPU
Intel
® CoreTM2 Duo SP9300 2.26 GHz processor or
Intel
® Celeron® M 723 1.2 GHz processor onboard
System Memory
DDR3-1333 2 GB DRAM onboard
Chipset
Intel
® GM45 + ICH9M
BIOS
AMI
System I/O Outlet
4 x isolated RS-232/422/485 (COM 1 ~ 4), console
re-direction supported
1 x VGA
1 x DVI-D
1 x HD Audio (Mic-in/Line-out)
2 x 10/100/1000Mbps Ethernet (M12 female D-code 4-pin
for 10/100Mbps, A-code 8-pin for 10/100/1000Mbps)
4 x USB 2.0
1 x isolated DIO (6-IN & 2-OUT)
1 x VDC power input connector
1 x isolated DI/DO power input connector
3 x antenna opening
Watchdog Timer
255 levels, 1~255 sec.
Storage
2 x 2.5" SATA HDD drive bay
1 x CompactFlash
TM
Expansion Interface
2 x PCI Express Mini Card
1 x SIM card
System Indicator
1 x green LED for system power-on
1 x red LED for HDD active
1 x green LED for LAN1 link
1 x green/yellow LED for LAN1 speed
1 x green LED for LAN2 link
1 x green/yellow LED for LAN2 speed
Power Supply
DC 12~32V input with isolation support
Default rating: DC24V
M12 5-pin connector
Power Consumption
6.7A @ 12V
3.4A @ 24V
2.5A @ 32V
Operating Temperature
-25°C ~ +55°C (77°C ~ 130°C) (with W.T. HDD)
Storage Temperature
-40°C ~ +80°C (-40°C ~ +176°C)
Humidity
10% ~ 90% , non-condensing
Vibration Endurance
2 Grms (5-500Hz, X, Y, Z directions)
Dimensions
288 mm (11.33") (W) x 211 mm (8.3") (D)
x 85.7 mm (3.37") (H)
Weight (net/gross)
5.06 kg (11.15 lb)/6.5 kg (14.33 lb)
Certification
CE, EN50155, EN50121, EN45545, EN60950 compliance
EOS Support
XPE, WinCE, Linux
*XPE: Windows
® XP Embedded
Low Power
IP40
Fanless
Extended
Temperature
EN50155
M12 LAN
Connector
Isolation
EN60950
EN45545
Ordering Information
Standard
tBOX320-852-FL-2.26G-DC Fanless embedded system with Intel
® Core™2 Duo
SP9300 2.26 GHz processor, 4 COM, 4 USB, CF, dual HDD
support,onboard 2 GB DDR3-1333 DRAM and 4-pin M12
10/100Mbps Ethernet
tBOX320-852-FL-1.2G-DC Fanless embedded system with Intel
® Celeron® M 723
1.2 GHz processor, 4 COM, 4 USB, CF, dual HDD support and
onboard 2 GB DRAM and 4-pin M12 10/100Mbps Ethernet
tBOX320-852-FL-2.26G-
DC-G
Fanless embedded system with Intel
® Core™2 Duo
SP9300 2.26 GHz processor, 4 COM, 4 USB, CF, dual HDD
support, onboard 2 GB DDR3-1333 DRAM and 8-pin M12
10/100/1000Mbps Ethernet
tBOX320-852-FL-1.2G-
DC-G
Fanless embedded system with Intel
® Celeron® M 723 1.2
GHz processor, 4 COM, 4 USB, CF, dual HDD support, onboard
2 GB DDR3-1333 DRAM and 8-pin M12 10/100/1000Mbps
Ethernet
Optional
2.5" SATA HDD
CompactFlash™
3G module
Wifi module
Wifi+Bluetooth
GPS module
Graphic accelerator codec
M12 LAN cable
M12 power cable
M12 Giga LAN cable
40 GB or above
1 GB or above
826K3101010E
826K3101050E
826K3101060E
82606200270E
826K3101070E
594N3202710E
594B8120B30E
594N3202730E
*Specifications and certifications are based on options and may vary.
Swappable HDD/CF
Intel
® CoreTM2 Duo SP9300 2.26 GHz
or Intel
® Celeron® M 723 onboard
Mini Card slots
10 ~ 35V wide range DC input
Rugged M12 Ethernet conn.
Full feature I/O
Rear view
Front view


Similar Part No. - TBOX320-852-FL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
TBOX320-852-FL-1.2G-DC AXIOMTEK-TBOX320-852-FL-1.2G-DC Datasheet
535Kb / 3P
High performance DDR3-1333 2 GB DRAM onboard
TBOX320-852-FL-1.2GDC-G AXIOMTEK-TBOX320-852-FL-1.2GDC-G Datasheet
535Kb / 3P
High performance DDR3-1333 2 GB DRAM onboard
TBOX320-852-FL-2.26G-DC AXIOMTEK-TBOX320-852-FL-2.26G-DC Datasheet
535Kb / 3P
High performance DDR3-1333 2 GB DRAM onboard
TBOX320-852-FL-2.26GDC-G AXIOMTEK-TBOX320-852-FL-2.26GDC-G Datasheet
535Kb / 3P
High performance DDR3-1333 2 GB DRAM onboard
TBOX320-852-FL AXIOMTEK-TBOX320-852-FL_14 Datasheet
535Kb / 3P
High performance DDR3-1333 2 GB DRAM onboard
More results

Similar Description - TBOX320-852-FL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX647-FL AXIOMTEK-EBOX647-FL Datasheet
404Kb / 1P
Fanless operation
TBOX311-820-FL AXIOMTEK-TBOX311-820-FL Datasheet
542Kb / 2P
Fanless operation
TBOX321-870-FL AXIOMTEK-TBOX321-870-FL Datasheet
596Kb / 2P
Fanless operation
DSB-310 AXIOMTEK-DSB-310 Datasheet
197Kb / 1P
Fanless operation
IPC914-213-FL AXIOMTEK-IPC914-213-FL Datasheet
473Kb / 2P
Fanless operation
logo
AAEON Technology
ACP-5153 AAEON-ACP-5153 Datasheet
211Kb / 2P
fanless operation
AHP-1154 AAEON-AHP-1154 Datasheet
243Kb / 2P
fanless operation
OMNI-2155 AAEON-OMNI-2155 Datasheet
331Kb / 2P
fanless operation
AEC-6950 AAEON-AEC-6950 Datasheet
334Kb / 2P
fanless operation
AHP-1123 AAEON-AHP-1123 Datasheet
322Kb / 2P
fanless operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com