Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRN78UXX-500 Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRN78UXX-500
Description  WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRN78UXX-500 Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRN78UXX-500 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRN78UXX-500 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRN78UXX-500 Datasheet HTML 3Page - Microdc power Technology Co., Ltd WRN78UXX-500 Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WRN78UXX-500(B)
WRN78UXX-500(B)
WRN78UXX-500(B)
WRN78UXX-500(B)
WRN78UXX-500(B)
WRN78UXX-500(B)
WRN78UXX-500(B)
WRN78UXX-500(B) Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
CHARECTERISTICS
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
Note: 1.
The
regulator
proposed
to
establish
the
input
voltage
by
soft-start,
no plug and play, if
the input voltage changes from low voltage to high voltage abruptly, the regulator might be damaged.
2.
If
the
applications
is
high-voltage
input,
the
regulator
must
add
an external
capacitor
C1(≤47μF/100V),to
prevent
voltage
spikes
caused
by damage to the module.
3. No parallel connection.
A
A
A
A
A
A
A
APPLICATION
PPLICATION
PPLICATION
PPLICATION
PPLICATION
PPLICATION
PPLICATION
PPLICATION EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
EXAMPLE
MODULES
MODULES
MODULES
MODULES
MODULES
MODULES
MODULES
MODULES PROTECT
PROTECT
PROTECT
PROTECT
PROTECT
PROTECT
PROTECT
PROTECT RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
High voltage input, Multiple Outputs, with greater load
Note:
1. the input current amount of the back-grade regulator and the pre-class load should be less than or equal
the max load current of the pre-class regulator.
2. If further filtering is required, please add components as per the above circuit(We recommend not to add
components), if request, please make sure the capacitors C1≤47μF,C2≤10μF more close to the back-grade
regulator.
TEST
TEST
TEST
TEST
TEST
TEST
TEST
TEST CONFIGURATIONS
CONFIGURATIONS
CONFIGURATIONS
CONFIGURATIONS
CONFIGURATIONS
CONFIGURATIONS
CONFIGURATIONS
CONFIGURATIONS (TA=25
(TA=25
(TA=25
(TA=25
(TA=25
(TA=25
(TA=25
(TA=25
))))
)
)
)
)
1
FULL LOAD OUTPUT RIPPLE & NOISE MEASURED GRAPH
2
LOAD TRANSIENT RESPONSE WAVEFORM


Similar Part No. - WRN78UXX-500

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN78-500 MICRODC-WRN78-500 Datasheet
378Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATEDSINGLEOUTPUTSIP3DC/DCCONVERTER
WRN7803-1000 MICRODC-WRN7803-1000 Datasheet
731Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN7803-1500 MICRODC-WRN7803-1500 Datasheet
785Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN7803-1500B MICRODC-WRN7803-1500B Datasheet
785Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN7803-2000 MICRODC-WRN7803-2000 Datasheet
772Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
More results

Similar Description - WRN78UXX-500

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN72XX-2000 MICRODC-WRN72XX-2000 Datasheet
816Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-1500 MICRODC-WRN78XX-1500 Datasheet
785Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-2000 MICRODC-WRN78XX-2000 Datasheet
772Kb / 4P
   WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XXT-1000 MICRODC-WRN78XXT-1000 Datasheet
1Mb / 5P
   WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXT-500 MICRODC-WRN78XXT-500 Datasheet
1Mb / 6P
   WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN78XX-1000 MICRODC-WRN78XX-1000 Datasheet
731Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRE-YS-2W MICRODC-WRE-YS-2W Datasheet
606Kb / 3P
   2W,WIDE INPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUT DC-DCCONVERTER
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-YS-2W MICRODC-WRA-YS-2W Datasheet
1Mb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com