Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRN78UXX-500 Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRN78UXX-500
Description  WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRN78UXX-500 Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRN78UXX-500 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRN78UXX-500 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRN78UXX-500 Datasheet HTML 3Page - Microdc power Technology Co., Ltd WRN78UXX-500 Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WRN78UXX-500(B)
WRN78UXX-500(B)
WRN78UXX-500(B)
WRN78UXX-500(B)
WRN78UXX-500(B)
WRN78UXX-500(B)
WRN78UXX-500(B)
WRN78UXX-500(B) Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
Product
Product
Product
Product
Product
Product
Product
Product Program
Program
Program
Program
Program
Program
Program
Program
Part
Part
Part
Part Number
Number
Number
Number
Input
Input
Input
Input Voltage(VDC)
Voltage(VDC)
Voltage(VDC)
Voltage(VDC)
Output
Output
Output
Output
Efficiency
Efficiency
Efficiency
Efficiency(%,Typ)
(%,Typ)
(%,Typ)
(%,Typ)
Nominal
Nominal
Nominal
Nominal
Range
Range
Range
Range
Voltage
Voltage
Voltage
Voltage
(VDC)
(VDC)
(VDC)
(VDC)
Current
Current
Current
Current
(MA)
(MA)
(MA)
(MA)Min.
Min.
Min.
Min.
Current
Current
Current
Current
(MA)
(MA)
(MA)
(MA)Max.
Max.
Max.
Max.
Vin
Vin
Vin
Vin
(min.)
(min.)
(min.)
(min.)
Vin
Vin
Vin
Vin
(max.)
(max.)
(max.)
(max.)
WRN78U03-500
48
9~72
3.3
10
500
82
75
WRN78U05-500
48
9~72
05
10
500
87
81
WRN78U6.5-500
48
9~72
6.5
10
500
91
84
WRN78U09-500
48
14~72
09
10
500
92
86
WRN78U12-500
48
17~72
12
10
500
93
89
WRN78U15-500
48
20~72
15
10
500
94
90
WRN78U24-300
48
36~72
24
10
300
95
91
WRN78U03-500B
48
9~72
3.3
10
500
82
75
WRN78U05-500B
48
9~72
05
10
500
87
81
WRN78U6.5-500B
48
9~72
6.5
10
500
91
84
WRN78U09-500B
48
14~72
09
10
500
92
86
WRN78U12-500B
48
17~72
12
10
500
93
89
WRN78U15-500B
48
20~72
15
10
500
94
90
WRN78U24-300B
48
36~72
24
10
300
95
91
Add suffix "B" for 90°bend pins, for example: WRN78U05-500B.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WR
WR
WR
WR
WR
WR
WR
WRN78
N78
N78
N78
N78
N78
N78
N78
U
U
U
U
U
U
U
U
05
05
05
05
05
05
05
05
--------500
500
500
500
500
500
500
500
(B)
(B)
(B)
(B)
①Product Series ②Ultra Wide (8:1) Input Range
③Output Voltage ④Output Currents
⑤Bend 90°pin
WIDE
WIDE
WIDE
WIDE INPUT
INPUT
INPUT
INPUT NON
NON
NON
NON----ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED SINGLE
SINGLE
SINGLE
SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Efficiency up to 97%
Ultra wide input voltage range can up to 8:1
Operating temperature: -40°C ~ +85°C
Short circuit protection, thermal shutdown
Low ripple and noise
Micro miniature SIP package
No heatsink required
Industry standard pinout
MTBF>2,000,000 hours
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
The
WRN78Uxx-500(B)
series
high
efficiency
switching
regulators
are
ideally
suited
to
replace
WRN78xx linear regulators and are pin compatible. The
efficiency of up to 97% means that very little energy is
wasted as heat so there is no need for any heat sinks with
their additional space and mounting costs.
MICRODC reserves the copyright
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATIONS
S
S
S
S
S
S
S
Item
Item
Item
Item
Test
Test
Test
Test conditions
conditions
conditions
conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Output voltage accuracy
100% full load
±2
±3
%
Line regulation
Vin=min. to max. at full load
±0.4
±1.0
Load regulation
10% to 100% load
±0.3
±0.6
Ripple & Noise
20MHz bandwidth (refer to figure 2)
20
60
mVp-p
Short circuit input power*
Vin=Nominal
0.72
1.2
W
Short circuit protection
Continuous, automatic recovery
Thermal shutdown
160
Switching frequency
100% full load
120
800
KHz
Output current limit
Vin=Nominal
700
1200
mA
Quiescent current
Vin=Nominal , Min. Load
1
5
±100
mV
Tendencies load
From 10% to 100% Load
1.0
1.5
ms
Temperature coefficient
-40℃ ~ +85℃ ambient
±0.015
%/℃
Max capacitance load
100
µF
NOTE:”GND” Pin can not vacant,or it will damage the module.
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATION
SPECIFICATIONS
S
S
S
S
S
S
S
Item
Item
Item
Item
Test
Test
Test
Test conditions
conditions
conditions
conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Storage humidity
95
%
Operating temperature
Power derating (above 71℃)
-40
85
Operating case temp.
65
100
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
25℃(MIL-HDBK-217F)
3500
k hours
71℃(MIL-HDBK-217F)
1500
Hop swap
Not supported
Thermal resistance
60
℃/W
Weight
4
g


Similar Part No. - WRN78UXX-500

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN78-500 MICRODC-WRN78-500 Datasheet
378Kb / 2P
WIDEINPUT,NON-ISOLATED REGULATEDSINGLEOUTPUTSIP3DC/DCCONVERTER
WRN7803-1000 MICRODC-WRN7803-1000 Datasheet
731Kb / 2P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN7803-1500 MICRODC-WRN7803-1500 Datasheet
785Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN7803-1500B MICRODC-WRN7803-1500B Datasheet
785Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN7803-2000 MICRODC-WRN7803-2000 Datasheet
772Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
More results

Similar Description - WRN78UXX-500

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN72XX-2000 MICRODC-WRN72XX-2000 Datasheet
816Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-1500 MICRODC-WRN78XX-1500 Datasheet
785Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-2000 MICRODC-WRN78XX-2000 Datasheet
772Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XXT-1000 MICRODC-WRN78XXT-1000 Datasheet
1Mb / 5P
WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXT-500 MICRODC-WRN78XXT-500 Datasheet
1Mb / 6P
WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN78XX-1000 MICRODC-WRN78XX-1000 Datasheet
731Kb / 2P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRE-YS-2W MICRODC-WRE-YS-2W Datasheet
606Kb / 3P
2W,WIDE INPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUT DC-DCCONVERTER
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-YS-2W MICRODC-WRA-YS-2W Datasheet
1Mb / 3P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com