Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX92200 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX92200
Description  MiniPCI Fast/Gigabit Ethernet Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX92200 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX92200 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
197
MiniPCI Modules
AX92200
AX92203
MiniPCI Fast/Gigabit Ethernet Module
Form Factor: MiniPCI type-III 124-pin interface
Controller: Realtek RTL8100C/8110S
Connector: One 14-pin interface for external RJ-45 adapter kit
EMI Requirements: CE, FCC class A compliance
Dimensions (W x D): 2.36"(60mm) x 1.97"(50.03mm)
Accessories: 1 x Ethernet bracket, 1 x utility CD
MiniPCI Wireless LAN Module
Form Factor: MiniPCI type-III 124-pin interface
Controller: V/A, 802.11b/g
Connector: Two antenna interfaces for Main and Aux wired antenna kits
EMI Requirements: CE, FCC class A/B compliance
Dimensions (W x D): 2.36"(60mm) x 1.73"(44mm)
Accessories: 2 x cables and antennas, 1 x utility CD
Ordering Information
Ordering Information
AX92200E
MiniPCI Fast Ethernet module
AX92200G
MiniPCI Gigabit Ethernet module
AX92203
MiniPCI wireless LAN module


Similar Part No. - AX92200

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX92200 AXIOMTEK-AX92200 Datasheet
209Kb / 1P
MiniPCI Modules
AX92200 AXIOMTEK-AX92200_16 Datasheet
209Kb / 1P
MiniPCI Modules
More results

Similar Description - AX92200

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8110SC-GR REALTEK-RTL8110SC-GR Datasheet
926Kb / 43P
INTEGRATED GIGABIT ETHERNET CONTROLLER (LOM) (MiniPCI)
logo
Moxa Inc.
PM-7200 MOXA-PM-7200 Datasheet
287Kb / 5P
Gigabit and Fast Ethernet modules
PM-7500 MOXA-PM-7500 Datasheet
348Kb / 3P
Gigabit and Fast Ethernet modules
logo
Beckhoff Automation Gmb...
FC9062 BECKHOFF-FC9062 Datasheet
174Kb / 2P
Dual Gigabit Ethernet PCIe module
logo
Weidmuller
1241350000 WEIDMULLER-1241350000 Datasheet
255Kb / 5P
Network switch, managed, Fast/Gigabit Ethernet
1287020000 WEIDMULLER-1287020000 Datasheet
250Kb / 5P
Network switch, managed, Fast/Gigabit Ethernet
1241290000 WEIDMULLER-1241290000 Datasheet
249Kb / 5P
Network switch, managed, Fast/Gigabit Ethernet,
November 4, 2021
1241330000 WEIDMULLER-1241330000 Datasheet
257Kb / 5P
Network switch, managed, Fast/Gigabit Ethernet
November 4, 2021
1241340000 WEIDMULLER-1241340000 Datasheet
256Kb / 5P
Network switch, managed, Fast/Gigabit Ethernet
2682330000 WEIDMULLER-2682330000 Datasheet
160Kb / 5P
Network switch, managed, Fast/Gigabit Ethernet
November 4, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com