Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7830W Datasheet(PDF) 4 Page - Emcore Corporation

Part # 7830W
Description  CATV Optical Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

7830W Datasheet(HTML) 4 Page - Emcore Corporation

  7830W Datasheet HTML 1Page - Emcore Corporation 7830W Datasheet HTML 2Page - Emcore Corporation 7830W Datasheet HTML 3Page - Emcore Corporation 7830W Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DATASHEET | MARCH 2012
FIBER OPTICS
| REV 2012.03
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Code Definitions
7830x-yy-zzz
Family Name
7830W, 3GHz CATV Optical Receiver
Optical Connector
yy = FA: FC/APC
yy = SA: SC/APC
yy = SU: SC/UPC
yy = LU: LC/UPC
7830W CATV Optical Receiver
3 GHz
Fiber Length (L)
zzz = 115: 1.15 m Fiber
Example:
7830W-SA-115: 3 GHz Video Receiver, SC/APC Connector, 1.15m Fiber


Similar Part No. - 7830W

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7830W-FA-115 EMCORE-7830W-FA-115 Datasheet
504Kb / 4P
3 GHz CATV Optical Receiver
7830W-LU-115 EMCORE-7830W-LU-115 Datasheet
504Kb / 4P
3 GHz CATV Optical Receiver
7830W-SA-115 EMCORE-7830W-SA-115 Datasheet
504Kb / 4P
3 GHz CATV Optical Receiver
7830W-SU-115 EMCORE-7830W-SU-115 Datasheet
504Kb / 4P
3 GHz CATV Optical Receiver
More results

Similar Description - 7830W

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2807 EMCORE-2807 Datasheet
378Kb / 2P
Mini-Node CATV Optical Receiver
2808 EMCORE-2808 Datasheet
301Kb / 2P
110 Channel CATV Optical Receiver
2809 EMCORE-2809 Datasheet
321Kb / 2P
77 Channel LDS CATV Optical Receiver
7820C EMCORE-7820C Datasheet
567Kb / 6P
CATV Optical Receiver
2808R-SFSP EMCORE-2808R-SFSP_13 Datasheet
184Kb / 2P
2808 110 Channel CATV Optical Receiver
7820A EMCORE-7820A Datasheet
579Kb / 6P
7820A CATV Optical Receiver
7830W-FA-115 EMCORE-7830W-FA-115 Datasheet
504Kb / 4P
3 GHz CATV Optical Receiver
2809 EMCORE-2809_16 Datasheet
494Kb / 2P
Channel LDS CATV Optical Receiver
2808 EMCORE-2808_16 Datasheet
574Kb / 2P
Channel CATV Optical Receiver
2807 EMCORE-2807_16 Datasheet
588Kb / 3P
Mini-Node CATV Optical Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com