Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7830W Datasheet(PDF) 2 Page - Emcore Corporation

Part # 7830W
Description  CATV Optical Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

7830W Datasheet(HTML) 2 Page - Emcore Corporation

  7830W Datasheet HTML 1Page - Emcore Corporation 7830W Datasheet HTML 2Page - Emcore Corporation 7830W Datasheet HTML 3Page - Emcore Corporation 7830W Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATASHEET | MARCH 2012
FIBER OPTICS
| REV 2012.03
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability.
Parameter
Symbol
Min
Max
Unit
Operating Case Temperature Range
T
CASE
-30
85
°C
Storage Temperature Range
Tstg
-40
85
°C
Humidity at 85 °C
RH
--
85
%
Note: For all tables, typical values are performed at 25
oC; min and max values are performance vs. temperature.
Electrical/Optical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Optical Power
PIN
--
--
+8
dBm
Optical Return Loss
RLOPT
40
--
--
dB
DC Power
+5V Amp Bias, (Pin 2)
+12V PD Bias, (Pin 6)
ICCA
ICCP
--
--
--
--
80
3
mA
mA
Wavelength
λ
1260
1310/1550
1620
nm
Responsivity
--
--
--
>0.80 at 1310 nm
>0.90 at 1550 nm
--
--
mA/mW
mA/mW
PDI Monitor Voltage
VMON
--
0.5
--
V/mA
Dissipation
PDISS
--
--
0.4
W
RF Characteristic
Parameter
Symbol
Min
Typ
Max
Unit
Frequency Response
BW
40
--
3000
MHz
Gain (Ref @ 40MHz)
G
12
--
15
dB
Gain Stability (-40
C to + 85C)
GST
-0.75
--
+0.75
dB
Ripple (40 MHz – 3000 MHz)
--
--
2
3
dBpk-pk
Gain Tilt
--
-1.6
--
+1
dB
RF Output Level
(2)
RFOUT
--
+34
--
dBmV/ch
Output Return Loss
(40 – 1000 MHz)
(1000 – 3000 MHz)
RL
--
--
--
--
--
-14
-10
dB
Equivalent Input Noise
EIN
--
--
8
pA/√Hz
Output IP3 @ 1.8 GHz
OIP3
+22
+25
--
dBm
Discrete Second-Order
(1)
DSO
--
-53
-45
dBc
Discrete Third Order
(1,3)
DTO
--
-85
-80
dBc
(1) Two laser test at 1310 nm/1550 nm. 40% OMI/tone. Total received optical power = 0 dBm. Distortion products measured
at 80, 450, 600, 745 and 850 MHz.
(2) Optical Input = 0 dBm, 79ch analog, OMI = 3.5%
(3) DTO may degrade to -77 dBc above 800 MHz
7830W CATV Optical Receiver
3 GHz


Similar Part No. - 7830W

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7830W-FA-115 EMCORE-7830W-FA-115 Datasheet
504Kb / 4P
3 GHz CATV Optical Receiver
7830W-LU-115 EMCORE-7830W-LU-115 Datasheet
504Kb / 4P
3 GHz CATV Optical Receiver
7830W-SA-115 EMCORE-7830W-SA-115 Datasheet
504Kb / 4P
3 GHz CATV Optical Receiver
7830W-SU-115 EMCORE-7830W-SU-115 Datasheet
504Kb / 4P
3 GHz CATV Optical Receiver
More results

Similar Description - 7830W

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2807 EMCORE-2807 Datasheet
378Kb / 2P
Mini-Node CATV Optical Receiver
2808 EMCORE-2808 Datasheet
301Kb / 2P
110 Channel CATV Optical Receiver
2809 EMCORE-2809 Datasheet
321Kb / 2P
77 Channel LDS CATV Optical Receiver
7820C EMCORE-7820C Datasheet
567Kb / 6P
CATV Optical Receiver
2808R-SFSP EMCORE-2808R-SFSP_13 Datasheet
184Kb / 2P
2808 110 Channel CATV Optical Receiver
7820A EMCORE-7820A Datasheet
579Kb / 6P
7820A CATV Optical Receiver
7830W-FA-115 EMCORE-7830W-FA-115 Datasheet
504Kb / 4P
3 GHz CATV Optical Receiver
2809 EMCORE-2809_16 Datasheet
494Kb / 2P
Channel LDS CATV Optical Receiver
2808 EMCORE-2808_16 Datasheet
574Kb / 2P
Channel CATV Optical Receiver
2807 EMCORE-2807_16 Datasheet
588Kb / 3P
Mini-Node CATV Optical Receiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com