Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAPA830 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CAPA830
Description  ZIO connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CAPA830 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CAPA830 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
104
* All specifications and photos are subject to change without notice.
axiomtek.com
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-
boards
Slot
CPU
Cards
Accessories
Appendix
© 2013 Axiomtek Co., Ltd. All rights reserved.
CAPA830
Intel
® Atom™ D2550/ N2600/ N2800 3.5"
Embedded SBC with Intel
® NM10 Chipset,
LVDS/HDMI/VGA, Dual LANs, Audio and ZIO
Intel
® Atom™ processor D2550 (1.86 GHz)/ N2800 (1.86 GHz)/
N2600 (1.6 GHz)
Intel
® NM10 chipset
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
6 USB 2.0 ports
2 COM ports
ZIO connector
I/O
Ordering Information
Packing List
System
MIO
Refer to ordering information
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature, voltage and fan speed
Ethernet
2 ports as 10/100/1000 Mbps support Wake-on-LAN,
RPL/PXE Boot ROM with Intel
® 82583V
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC662
USB
6 x USB 2.0
SMBus
System Management Bus for Advanced monitoring/control
Digital I/O
8 channels IN/OUT programmable
TMP
Infineon SLB9635 with TPM 1.2 compliant
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59382620000E
1 x COM w/ bracket P=2.0mm, L=300mm
1
59384500100E
Audio cable w/ bracket P=2,450mm
1
59382631000E
2 x USB 2.0 wafer cable w/ bracket 180mm
1
CPU
Intel
® Atom™ processor D2550 1.86 GHz/ N2800 1.86 GHz/
N2600 1.6 GHz dual core onboard
System Memory
1 x 204-pin SO-DIMM supports DDR3-800/1066 max.
up to 4 GB (N2600 supports DDR3 800 max. up to 2 GB)
Chipset
Intel
® NM10
BIOS
AMI
SSD
1 x CFast™
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x PCI Express Mini Card V1.2
1 x USB, 1 x PCIe x1, 1 x LPC,
1 x SMBus through a ZIO connector
Battery
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+12V DC-in only
AT Auto Power ON function supported
Power Requirements
Intel
® Atom™ N2600 @ 1.6 GHz, 1GB DDR3 Max. RMS:
+12V @ 1.077A
Intel
® Atom™ N2800 @ 1.86 GHz, 1GB DDR3 Max. RMS:
+12V @ 1.156A
Intel
® Atom™ D2550 @ 1.86 GHz, 1GB DDR3 Max. RMS:
+12V @ 1.44A
Size
146 x 104 mm
Board Thickness
1.6 mm
OperatingTemperature
-20°C ~ +70°C (-4°F ~ +158°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Features
Rear view
Top view
CFast
ZIO module AX93262
SIM slot
PCI Express
Mini Card
DDR3 SO-DIMM
PCI Express Mini Card
Ethernet 1/ 2
ZIO connector
(1 x PCIe x1, 1 x USB,
1 x LPC, 1 x SMbus )
ZIO module AX93262
Audio
SATA
USB 5/6
COM 2
COM 1
USB 3/4
USB 1/2
VGA HDMI
LVDS
Extended
Temperature
Fanless
Low Power
Standard
Models
Fanless
PCI Express
Mini Card SIM Slot
RS-232/
422/485
RS-232
CAPA830VHGGA-D2550
Heatsink fan
1
N/A
1
1
CAPA830VHGGA-N2800
Yes
1
N/A
1
1
CAPA830VHGGA-N2600
Yes
1
N/A
1
1
CAPA830VHGGA-D2550-ZIO Heatsink fan
2
1
3
3
CAPA830VHGGA-N2800-ZIO
Yes
2
1
3
3
CAPA830VHGGA-N2600-ZIO
Yes
2
1
3
3
DDR3
DDR3
DDR3
PCIe Mini
PCIe Mini
PCIe Mini
CFastTM
Display
Chipset
Intel
® GMA 3650 graphics core for D2550/ N2800
Intel
® GMA 3600 graphics core for N2600
Memory Size
Share system memory
Display Interface
1 x VGA
1 x HDMI
1 x LVDS; 18/24-bit single/dual channel
AiRD


Similar Part No. - CAPA830

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA830 AXIOMTEK-CAPA830 Datasheet
593Kb / 2P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA830VHGGA-D2550 AXIOMTEK-CAPA830VHGGA-D2550 Datasheet
593Kb / 2P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA830VHGGA-D2550 AXIOMTEK-CAPA830VHGGA-D2550 Datasheet
358Kb / 1P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA830VHGGA-N2600 AXIOMTEK-CAPA830VHGGA-N2600 Datasheet
358Kb / 1P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
CAPA830VHGGA-N2800 AXIOMTEK-CAPA830VHGGA-N2800 Datasheet
358Kb / 1P
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
More results

Similar Description - CAPA830

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93262 AXIOMTEK-AX93262 Datasheet
296Kb / 1P
ZIO Module
logo
SparkFun Electronics
SEN-15892 SPARKFUN-SEN-15892 Datasheet
199Kb / 2P
Zio Qwiic Loudness Sensor
1????0
ROB-16773 SPARKFUN-ROB-16773 Datasheet
193Kb / 2P
Zio 16 Servo Controller (Qwiic)
6??1??0
SEN-15176 SPARKFUN-SEN-15176 Datasheet
169Kb / 3P
Zio Current and Voltage Sensor - INA219 (Qwiic)
3????9
logo
Axiomtek Co., Ltd.
AX93262 AXIOMTEK-AX93262_17 Datasheet
351Kb / 1P
ZIO module with four COM ports and one PCI Express Mini Card
AX93285 AXIOMTEK-AX93285 Datasheet
351Kb / 1P
ZIO module with two COM ports and 32 bit programbale DIO
AX93291 AXIOMTEK-AX93291 Datasheet
351Kb / 1P
ZIO module with two Gigabit Ethernet and two COM ports
AX93295 AXIOMTEK-AX93295 Datasheet
351Kb / 1P
ZIO module with two isolated COM ports and two USB 3.0 ports
logo
Glenair, Inc.
759-861A16 GLENAIR-759-861A16_10 Datasheet
289Kb / 2P
Connector to Connector
759-861A16 GLENAIR-759-861A16 Datasheet
215Kb / 2P
Connector to Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com