Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

05720028L Datasheet(PDF) 1 Page - Littelfuse

Part # 05720028L
Description  571 & 572 Series panel-mount fuseholders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

05720028L Datasheet(HTML) 1 Page - Littelfuse

  05720028L Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© JUNE 2011 Littelfuse POWR-GARD Products
www.littelfuse.com
POWR-GARD® Fuseblock Datasheet
Miscellaneous Holder
1
Ordering Information
0.86"
[21.84]
0.92"
[23.37]
0.890"
[22.6]
1.12"
[28.45]
1.310"
[33.3]
1.34"
[34.04]
2.10"
[53.34]
1.74"
[44.20]
1.312"
[33.33]
.172 DIA.
[4.37]
Load
Line
Mounting Hole
Specifications
Voltage Rating:
600 V
Ampere Rating:
30 A for Class CC and Midget fuses
Dielectric Strength:
4000 V Minimum
Terminals:
Tin-plated brass combination solder and
quick-connect
O-Rings:
901-184 (body), 901-260 (knob)
Molded Parts:
Black thermoplastic
Approvals:
UL Recognized (File No. E14721)
UL Recognized for branch circuit protection
(571OCC/RCC)
CSA Certified (File No. LR7316)
Web Resources
Sample requests, downloadable CAD drawings and other
technical information:
www.littelfuse.com/571
†Fuse diameter is 13/32”
Note: Contact factory for versions with pre-assembled wire leads.
Load
Line
572
571 & 572 SerieS panel-mount fuSeholderS
571
Specifications
Voltage Rating:
600 V
Ampere Rating:
30 A for Class CC and Midget fuses
Dielectric Strength:
4000 V Minimum
Terminals:
Tin-plated brass combination solder and quick-connect
Molded Parts:
Black thermoplastic
Approvals:
UL Recognized (File No. E14721)
UL Recognized for branch circuit protection
(5720CC/RCC) Class CC version
CSA Certified (File No. LR7316)
Mounting:
Double "D" punch or 0.875" knock-out hole
Designed to fit 14-18 gauge
Description
The 572 series panel mount fuseholders are
designed to minimize installation time. Its unique
design incorporates a snap-mount feature that
allows the holder to be installed without any tools
or mounting hardware.
Description
Panel mount fuseholders are for Midget-Style and
Class CC fuses. Class CC fuses have a rejection
feature on one end cap, which mates with the
rejection feature of Littelfuse Class CC fuses to
prevent the installation of fuses with lower voltage
ratings or interrupting ratings. Watertight version
must be front panel mounted.
Catalog/SyStem number
bottom
terminal
fuSe length
range*
for uSe
With
Standard
Watertight
571027 05710027L 571027P 05710027LXP
Straight
1516” – 138
Midget
Fuses
571028 05710028L 571028P 05710028LXP
Rt. Angle
571007 05710007L 571007P 05710007LXP
Straight
11332” – 112
Midget
Fuses
571008 05710008L 571008P 05710008LXP
Rt. Angle
5710CC 057100CCL 5710CCP 057100CCLXP
Straight
112
Class CC
Fuses
571RCC 05710RCCL 571RCCP 05710RCCLXP
Rt. Angle
*Fuse diameter is 13/32”
Note: Contact factory for versions with pre-assembled wire leads.
Ordering Information
Catalog/SyStem number
bottom
terminal
fuSe length
range
for uSe
With
Standard
Watertight
572027 05720027L 572027P 05720027LXP
Straight
1516” – 138
Midget
Fuses
572028 05720028L 572028P 05720028LXP
Rt. Angle
572007 05720007L 572007P 05720007LXP
Straight
11332” – 112
Midget
Fuses
572008 05720008L 572008P 05720008LXP
Rt. Angle
5720CC 057200CCL 5720CCP 057200CCLXP
Straight
112
Class CC
Fuses
572RCC 05720RCCL 572RCCP 05720RCCLXP
Rt. Angle
Web Resources
Sample requests, downloadable CAD drawings and other
technical information:
www.littelfuse.com/572
Dimensions in inches (mm)
Dimensions in inches (mm)


Similar Part No. - 05720028L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
05720028L LITTELFUSE-05720028L Datasheet
286Kb / 1P
571 & 572 SERIES PANEL-MOUNT FUSE HOLDERS
Rev: 032122
05720028LXP LITTELFUSE-05720028LXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05720028LXP LITTELFUSE-05720028LXP Datasheet
286Kb / 1P
571 & 572 SERIES PANEL-MOUNT FUSE HOLDERS
Rev: 032122
More results

Similar Description - 05720028L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
05710RCCLXP LITTELFUSE-05710RCCLXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05720RCCLXP LITTELFUSE-05720RCCLXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
057100CCL LITTELFUSE-057100CCL Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
057200CCL LITTELFUSE-057200CCL Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
057200CCLXP LITTELFUSE-057200CCLXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05710007LXP LITTELFUSE-05710007LXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05710008L LITTELFUSE-05710008L Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05720007L LITTELFUSE-05720007L Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05720008LXP LITTELFUSE-05720008LXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05720028LXP LITTELFUSE-05720028LXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com