Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9014 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE9014
Description  Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9014 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE9014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9014 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2012 Pasternack Enterprises All Rights Reserved
PE9014 REV
Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz.
PE9014
CAD Drawing


Similar Part No. - PE9014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9011 PASTERNACK-PE9011 Datasheet
236Kb / 2P
   Double Binding Post to 50 Ohm BNC Male Adapter
PE9013 PASTERNACK-PE9013 Datasheet
79Kb / 1P
   BNC FEMALE TO BINDING POSTS
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
More results

Similar Description - PE9014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9695 PASTERNACK-PE9695 Datasheet
368Kb / 4P
   Precision SMA Female to SMA Female Adapter, 18 Ghz
PE9694 PASTERNACK-PE9694 Datasheet
369Kb / 4P
   Precision SMA Male to SMA Female Adapter Max. Freq. 18 GHz
PE9513 PASTERNACK-PE9513 Datasheet
257Kb / 3P
   Precision SMA Male to SMP Female Adapter 18 Ghz.
PE9512 PASTERNACK-PE9512 Datasheet
257Kb / 3P
   Precision SMA Female to SMP Male Adapter 18 Ghz.
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
   Precision SMA Female to SMA Female Bulkhead Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
   Precision SMA Female to SMA Female Bulkhead Adapter
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
   SMA Male to SMA Female Bulkhead Adapter
PE9488 PASTERNACK-PE9488 Datasheet
83Kb / 1P
   N FEMALE TO SMA MALE BULKHEAD PRECISION ADAPTER
PE9487 PASTERNACK-PE9487 Datasheet
259Kb / 2P
   Precision SMA Male to N Female Bulkhead Adapter
PE35475 PASTERNACK-PE35475 Datasheet
231Kb / 3P
   SMA Male to SMA Female Bulkhead Precision
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com