Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR293GR-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # ADR293GR-REEL
Description  Low Noise Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293GR-REEL Datasheet(HTML) 3 Page - Analog Devices

  ADR293GR-REEL Datasheet HTML 1Page - Analog Devices ADR293GR-REEL Datasheet HTML 2Page - Analog Devices ADR293GR-REEL Datasheet HTML 3Page - Analog Devices ADR293GR-REEL Datasheet HTML 4Page - Analog Devices ADR293GR-REEL Datasheet HTML 5Page - Analog Devices ADR293GR-REEL Datasheet HTML 6Page - Analog Devices ADR293GR-REEL Datasheet HTML 7Page - Analog Devices ADR293GR-REEL Datasheet HTML 8Page - Analog Devices ADR293GR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ADR293
REV. 0
–3–
WAFER TEST LIMITS
Parameter
Symbol
Conditions
Limits
Units
INITIAL ACCURACY
VO
IOUT = 0 mA
4.990/5.010
V
LINE REGULATION
∆V
O/
∆V
IN
6.0 V < VIN < 15 V, IOUT = 0 mA
150
ppm/V
LOAD REGULATION
∆V
O/
∆I
LOAD
0 mA to 5 mA
150
ppm/mA
SUPPLY CURRENT
No load
15
µA
NOTES
Electrical tests are performed as wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
Specifications subject to change without notice.
DICE CHARACTERISTICS
Die Size 0.074
0.052 inch, 3848 sq. mils
(1.88
1.32 mm, 2.48 sq. mm)
Transistor Count: 52
(VS =
6.0 V, TA =
25 C unless otherwise noted)
VIN
4
3
2
1
V
OUT(SENSE)
V
OUT(FORCE)
GND


Similar Part No. - ADR293GR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293GRUZ AD-ADR293GRUZ Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRUZ-REEL AD-ADR293GRUZ-REEL Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRUZ-REEL7 AD-ADR293GRUZ-REEL7 Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
More results

Similar Description - ADR293GR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293ERZ AD-ADR293ERZ Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com