Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRN78XXT-1000 Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRN78XXT-1000
Description  WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRN78XXT-1000 Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRN78XXT-1000 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRN78XXT-1000 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRN78XXT-1000 Datasheet HTML 3Page - Microdc power Technology Co., Ltd WRN78XXT-1000 Datasheet HTML 4Page - Microdc power Technology Co., Ltd WRN78XXT-1000 Datasheet HTML 5Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WRN78XXT-1000
WRN78XXT-1000
WRN78XXT-1000
WRN78XXT-1000
WRN78XXT-1000
WRN78XXT-1000
WRN78XXT-1000
WRN78XXT-1000 Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 5
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
CURVE
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Case Material
Plastic (UL94-V0)
MTBF
(MIL-HDBK-217F,+25℃)
1000
k hours
Hop swap
Not supported
Thermal resistance
90
℃/ W
Weight
2.3
g
ADJUSTMENT
ADJUSTMENT
ADJUSTMENT
ADJUSTMENT
ADJUSTMENT
ADJUSTMENT
ADJUSTMENT
ADJUSTMENT RESISTOR
RESISTOR
RESISTOR
RESISTOR
RESISTOR
RESISTOR
RESISTOR
RESISTOR VALUES
VALUES
VALUES
VALUES
VALUES
VALUES
VALUES
VALUES
The R1, R2 in the above table are used to set the output voltage . If no need to adjust the output voltage, connect a ceramic capacitor to GND with 470pF typical value for increase
immunity. Insure the output voltage is in the adjust range or else may cause permanent damage to the device. Fine-tune output voltage must appease Vin-Vo>2V.
EMC
EMC
EMC
EMC
EMC
EMC
EMC
EMC SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
CE
EN55022, CLASS A(without external circuit)
EN55022, CLASS B(refer to Figure 4)
RE
EN55022, CLASS A(refer to Figure 5)
ESD
IEC/EN61000-4-2
Air ±8KV / Contact ±6KV
perf. Criteria B
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B
Surge
IEC/EN61000-4-5
±2KV
perf. Criteria B(refer to Figure 4)
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL
TYPICAL APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION
APPLICATION CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
1.
C1, C2 is required for best performance and should be fitted close to the converter pins.
2.
The capacitance of C1, C2 sees external capacitor table, it can be increased properly if required, and
tantalum or low ESR electrolytic capacitors may also suffice.
3. No parallel connection or plug and play.
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED REFLOW
REFLOW
REFLOW
REFLOW
REFLOW
REFLOW
REFLOW
REFLOW SOLDERING
SOLDERING
SOLDERING
SOLDERING
SOLDERING
SOLDERING
SOLDERING
SOLDERING PROFILE
PROFILE
PROFILE
PROFILE
PROFILE
PROFILE
PROFILE
PROFILE


Similar Part No. - WRN78XXT-1000

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN78XXT-500 MICRODC-WRN78XXT-500 Datasheet
1Mb / 6P
WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
More results

Similar Description - WRN78XXT-1000

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-YS-2W MICRODC-WRA-YS-2W Datasheet
1Mb / 3P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-ZS-2W MICRODC-WRA-ZS-2W Datasheet
649Kb / 2P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIP-8DC/DCConverter
WRN78XX-1000 MICRODC-WRN78XX-1000 Datasheet
731Kb / 2P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN78XX-1500 MICRODC-WRN78XX-1500 Datasheet
785Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-2000 MICRODC-WRN78XX-2000 Datasheet
772Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XXT-500 MICRODC-WRN78XXT-500 Datasheet
1Mb / 6P
WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78UXX-500 MICRODC-WRN78UXX-500 Datasheet
1Mb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN72XX-2000 MICRODC-WRN72XX-2000 Datasheet
816Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com