Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRN78XXT-1000 Datasheet(PDF) 5 Page - Microdc power Technology Co., Ltd

Part # WRN78XXT-1000
Description  WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRN78XXT-1000 Datasheet(HTML) 5 Page - Microdc power Technology Co., Ltd

  WRN78XXT-1000 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRN78XXT-1000 Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRN78XXT-1000 Datasheet HTML 3Page - Microdc power Technology Co., Ltd WRN78XXT-1000 Datasheet HTML 4Page - Microdc power Technology Co., Ltd WRN78XXT-1000 Datasheet HTML 5Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
WRN78XXT-1000
WRN78XXT-1000
WRN78XXT-1000
WRN78XXT-1000
WRN78XXT-1000
WRN78XXT-1000
WRN78XXT-1000
WRN78XXT-1000 Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 5 of 5
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS &
&
&
&
&
&
&
& RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT &PACKAGING
&PACKAGING
&PACKAGING
&PACKAGING
&PACKAGING
&PACKAGING
&PACKAGING
&PACKAGING
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
TUBE
TUBE
TUBE
TUBE OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
TAPINGREEL
TAPINGREEL
TAPINGREEL
TAPINGREEL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature
of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin
with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this
series are backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has
harmful chemical substances through the registration, inspection and approval.


Similar Part No. - WRN78XXT-1000

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN78XXT-500 MICRODC-WRN78XXT-500 Datasheet
1Mb / 6P
WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
More results

Similar Description - WRN78XXT-1000

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-YS-2W MICRODC-WRA-YS-2W Datasheet
1Mb / 3P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-ZS-2W MICRODC-WRA-ZS-2W Datasheet
649Kb / 2P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIP-8DC/DCConverter
WRN78XX-1000 MICRODC-WRN78XX-1000 Datasheet
731Kb / 2P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN78XX-1500 MICRODC-WRN78XX-1500 Datasheet
785Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XX-2000 MICRODC-WRN78XX-2000 Datasheet
772Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XXT-500 MICRODC-WRN78XXT-500 Datasheet
1Mb / 6P
WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78UXX-500 MICRODC-WRN78UXX-500 Datasheet
1Mb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN72XX-2000 MICRODC-WRN72XX-2000 Datasheet
816Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com