Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRN78XX-1000 Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRN78XX-1000
Description  WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRN78XX-1000 Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRN78XX-1000 Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRN78XX-1000 Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WRN78XX-1000
WRN78XX-1000
WRN78XX-1000
WRN78XX-1000
WRN78XX-1000
WRN78XX-1000
WRN78XX-1000
WRN78XX-1000 Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
order code
Input
Output
Efficiency(%,Typ)
Voltage Range
(VDC)
Voltage
(VDC)
Current
(MA)
Vin(min)
Vin(max)
WRN7803-1000
4.75-28
3.3
1000
90
83
4.75-25
-3.3
-600
80
82
WRN7805-1000
6.5-32
5.0
1000
93
88
7.0-27
-5.0
-600
85
87
WRN786.5-1000
9-32
6.5
1000
94
90
7.0-25
-6.5
-400
88
90
WRN7809-1000
12-32
9.0
1000
95
92
7.0-23
-9.0
-400
89
91
WRN7812-1000
16-32
12
1000
96
94
7.0-20
-12
-300
89
91
*Input voltage can't exceed this value,or will cause the permanent damage.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WRN78
WRN78
WRN78
WRN78
WRN78
WRN78
WRN78
WRN78
05
05
05
05
05
05
05
05
--------1000
1000
1000
1000
1000
1000
1000
1000
①Product Series
②Output Voltage
③Output Current
WIDE
WIDE
WIDE
WIDE INPUT,
INPUT,
INPUT,
INPUT,NON-
NON-
NON-
NON-ISOLATED
ISOLATED
ISOLATED
ISOLATED REGULATED
REGULATED
REGULATED
REGULATED S
S
S
SINGLE
INGLE
INGLE
INGLE O
O
O
OUTPUT
UTPUT
UTPUT
UTPUT SIP
SIP
SIP
SIP3
3
3
3 DC/DC
DC/DC
DC/DC
DC/DC C
C
C
CONVERTER
ONVERTER
ONVERTER
ONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
RoHS compliant
Efficiency up to 96%
SIP Package
Wide temperature range:-40°C to 85°C
Short circuit protection,Thermal Shutdown
No heatsink required
Low ripple and noise
Industry standard pinout
MTBF>2,000,000 hours
Only two extra capacitors are required
Input voltage range can be lower than the
output voltage for higher output voltages
in negative application
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The WRN78xx-1000 Series high efficiency switching
Regulators are ideally suited to replace WRN78xx linear
regulators and are pin compatible. The efficiency of up
to 96% means that very little energy is wasted as heat
so there is no need fo any heat sinks with their additional
space and mounting costs.
MICRODC reserves the copyright
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Parameter
Parameter
Parameter
Test
Test
Test
Test conditions
conditions
conditions
conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Output Voltage accuracy
100% full load
±2
±3
%
Line regulation
Vin= min. to max. at full load
±0.2
±0.4
%
Load regulation
10% to 100% load
±0.4
±0.6
%
Ripple&Noise*
20MHZ Bandwidth
25
35
%
Short Circuit Input Power
0.5
1.8
W
Short circuit protection
Continuous, automatic recovery
Switching frequency
100% full load
280
330
450
Khz
Quiescent current
Positive Output
5
8
mA
Quiescent current
Negative Output
7
13
Thermal Shutdown
Internal IC junction
150
Output Current Limit
2000
mA
Temperature coefficient
-40 °C to +85 °C ambient
0.02
%/℃
Max capacitance load
1000
µF
*
Test ripple and noise by "parallel cable" method.
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Parameter
Parameter
Parameter
Test
Test
Test
Test conditions
conditions
conditions
conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Operating Temp. Range
-40
85
Operating Case Temp.
100
Storage Temp. Range
-55
125
Cooling
Free Air Convection
Case Material
Plastic (UL94-V0)
Lead Temperature
1.5mm from case for 10 seconds
300
Storage Humidity Range
95
%
MTBF
+25°C MIL-HDBK-217F
2000
K hours
Package Weight
3.7
g
Note:
1. All
specifications measured
at TA=25°C,
humidity<75%,
nominal
input
voltage
and
rated
output
load unless otherwise specified.
2. Only typical models listed. If you need other model, please confirm the power,
input voltage and output voltage,
then phone us.


Similar Part No. - WRN78XX-1000

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRN78XX-1500 MICRODC-WRN78XX-1500 Datasheet
785Kb / 4P
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
More results

Similar Description - WRN78XX-1000

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YS-1W MICRODC-WRA-YS-1W Datasheet
1Mb / 3P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-YS-2W MICRODC-WRA-YS-2W Datasheet
1Mb / 3P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIPDC/DCConverter
WRA-ZLS-2W MICRODC-WRA-ZLS-2W Datasheet
604Kb / 2P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIP-9(10)DC/DCConverter
WRA-ZS-2W MICRODC-WRA-ZS-2W Datasheet
649Kb / 2P
WIDEINPUT,ISOLATED®ULATEDDual/SingleOutput SIP-8DC/DCConverter
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
WRN78-500 MICRODC-WRN78-500 Datasheet
378Kb / 2P
WIDEINPUT,NON-ISOLATED REGULATEDSINGLEOUTPUTSIP3DC/DCCONVERTER
WRN78XXT-500 MICRODC-WRN78XXT-500 Datasheet
1Mb / 6P
WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXT-1000 MICRODC-WRN78XXT-1000 Datasheet
1Mb / 5P
WIDEINPUT,NON-ISOLATED®ULATED SMDPACKAGE SINGLEOUTPUT
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRA-YQD-20 MICRODC-WRA-YQD-20 Datasheet
687Kb / 3P
20W,WIDEINPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUTDC-DCCONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com