Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRE-YS-2W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # WRE-YS-2W
Description  2W,WIDE INPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUT DC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRE-YS-2W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  WRE-YS-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRE-YS-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRE-YS-2W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
S
S
S
S
S
S
S
SE
E
E
E
E
E
E
ELECTION
LECTION
LECTION
LECTION
LECTION
LECTION
LECTION
LECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
Model Number
Input Range
*
(VDC)
Input Current
No Load (mA)
Input Current
Full Load (mA)
Output Current
(VDC)
Output Current
Min. Load (mA)
Output Current
Full Load (mA)
Efficiency (%)
Capacitor Load
(uF)
²
WRF0503YS-500
4.5-9
15
492
3.3
125
500
67
3300
WRF0505YS-2W
4.5-9
15
571
5
100
400
70
3300
WRF0509YS-2W
4.5-9
30
555
9
56
222
72
470
WRF0512YS-2W
4.5-9
30
555
12
42
167
72
470
WRF0515YS-2W
4.5-9
30
547
15
33
133
73
470
WRF0524YS-2W
4.5-9
60
533
24
21
83
75
220
WRF1203YS-500
9-18
15
205
3.3
125
500
67
3300
WRF1205YS-2W
9-18
15
216
5
100
400
77
3300
WRF1209YS-2W
9-18
15
213
9
56
222
78
470
WRF1212YS-2W
9-18
15
208
12
42
167
80
470
WRF1215YS-2W
9-18
15
213
15
33
133
78
470
WRF1224YS-2W
9-18
15
208
24
21
83
80
220
WRF2403YS-500
18-36
8
98
3.3
125
500
70
3300
WRF2405YS-2W
18-36
8
108
5
100
400
77
3300
WRF2409YS-2W
18-36
8
104
9
56
222
80
470
WRF2412YS-2W
18-36
8
104
12
42
167
80
470
WRF2415YS-2W
18-36
8
104
15
33
133
80
470
WRF2424YS-2W
18-36
8
104
24
21
83
80
220
WRF4803YS-500
36-72
6
48
3.3
125
500
71
3300
WRF4805YS-2W
36-72
6
56
5
100
400
74
3300
WRF4809YS-2W
36-72
6
53
9
56
222
78
470
WRF4812YS-2W
36-72
6
53
12
42
167
78
470
WRF4815YS-2W
36-72
6
53
15
33
133
78
470
WRF4824YS-2W
36-72
6
52
24
21
83
80
220
WRE0503YS-250
4.5-9
20
471
±3.3
±63
±250
70
±1000
WRE0505YS-2W
4.5-9
20
571
±5
±50
±200
70
±1000
WRE0509YS-2W
4.5-9
20
540
±9
±28
±111
74
±220
WRE0512YS-2W
4.5-9
25
533
±12
±21
±83
75
±220
WRE0515YS-2W
4.5-9
25
533
±15
±17
±67
75
±220
WRE0524YS-2W
4.5-9
60
563
±24
±10
±42
71
±100
WRE1203YS-250
9-18
15
188
±3.3
±63
±250
73
±1000
WRE1205YS-2W
9-18
15
222
±5
±50
±200
75
±1000
WRE1209YS-2W
9-18
15
210
±9
±28
±111
79
±220
WRE1212YS-2W
9-18
15
208
±12
±21
±83
80
±220
WRE1215YS-2W
9-18
15
210
±15
±17
±67
79
±220
WRE1224YS-2W
9-18
30
219
±24
±10
±42
76
±100
WRE2403YS-250
18-36
8
94
±3.3
±63
±250
73
±1000
WRE2405YS-2W
18-36
8
106
±5
±50
±200
78
±1000
WRE2409YS-2W
18-36
8
105
±9
±28
±111
79
±220
WRE2412YS-2W
18-36
8
104
±12
±21
±83
80
±220
WRE2415YS-2W
18-36
8
104
±15
±17
±67
80
±220
WRE2424YS-2W
18-36
20
106
±24
±10
±42
78
±100
WRE4803YS-250
36-72
6
47
±3.3
±63
±250
73
±1000
WRE4805YS-2W
36-72
6
46
±5
±50
±200
74
±1000
WRE4809YS-2W
36-72
6
53
±9
±28
±111
79
±220
WRE4812YS-2W
36-72
6
53
±12
±21
±83
79
±220
WRE4815YS-2W
36-72
6
52
±15
±17
±67
80
±220
WRE4824YS-2W
36-72
12
55
±24
±10
±42
75
±100
*Input voltage can’t exceed this value,or will cause the permanent damage.


Similar Part No. - WRE-YS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
WRE-YS-3W MICRODC-WRE-YS-3W Datasheet
745Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC-DC CONVERTER
More results

Similar Description - WRE-YS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YT-2W MICRODC-WRA-YT-2W Datasheet
393Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC/DCCONVERTER
WRA-YMT-2W MICRODC-WRA-YMT-2W Datasheet
451Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED SINGLE/DUALOUTPUT DC/DCCONVERTER
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN78XX-1000 MICRODC-WRN78XX-1000 Datasheet
731Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2T16WE GAPTEC-2T16WE Datasheet
1Mb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2D16WA GAPTEC-2D16WA Datasheet
745Kb / 3P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
2S9W4 GAPTEC-2S9W4 Datasheet
1Mb / 5P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
2S8W-2RP GAPTEC-2S8W-2RP Datasheet
961Kb / 3P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com