Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRE-YS-2W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRE-YS-2W
Description  2W,WIDE INPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUT DC-DCCONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRE-YS-2W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRE-YS-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRE-YS-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRE-YS-2W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W
WRE-YS-2W&WRF-YS-2W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
Input
Input
Input
Input
Input
Input
Input
Input Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Voltage Range
2:1 Wide Input (see table)
Input Filter
Capacitor
Input Reflected Ripple Current¹
35 mA pk-pk
Output
Output
Output
Output
Output
Output
Output
Output Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Voltage Accuracy
± 2%
Short Circuit Protection
Indefinite (Automatic Recovery)
Line Regulation
± 0.5%
Load Regulation (25% - 100%)
± 1%
Ripple and Noise (20Mhz bandwidth)
80 mV pk-pk
Temperature Coefficient
± 0.02% / °C
General
General
General
General
General
General
General
General Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
I/O Isolation Voltage (3 sec.)
3000 VDC
I/O Isolation Capacity
60 pF
I/O Isolation Resistance
1000 M Ohm
Switching Frequency
100 - 650 kHz
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 2.732 Mhrs
Physical
Physical
Physical
Physical
Physical
Physical
Physical
Physical Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Case Material
Non Conductive Black Plastic (UL94V-0 rated)
Or (Potting Material)
Epoxy (UL94V-0 rated)
Weight
~ 4.5g, typ.
Environment
Environment
Environment
Environment
Environment
Environment
Environment
Environment Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Operating Temperature
-40 to +85°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
NOTE:All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified。
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WR
WR
WR
WR
WR
WR
WR
WRE
E
E
E
E
E
E
E
24
24
24
24
24
24
24
24
0
0
0
0
0
0
0
05
5
5
5
5
5
5
5
Y
Y
Y
Y
Y
Y
Y
Y
S
S
S
S
--------2W(200)
2W(200)
2W(200)
2W(200)
2W(200)
2W(200)
2W(200)
2W(200)
①Product Series
②Input Voltage
③Output Voltage
④2:1Wide Input Volage Range
⑤SIP8 Package
⑥ Rated Power(Output current)
2
2
2
2W,
W,
W,
W, WIDE
WIDE
WIDE
WIDE INPUT,ISOLATED&REGULATED
INPUT,ISOLATED&REGULATED
INPUT,ISOLATED&REGULATED
INPUT,ISOLATED&REGULATED DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE
DUAL/SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT DC-DC
DC-DC
DC-DC
DC-DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
2
2
2
2 Watt
Watt
Watt
Watt
Efficiency
Efficiency
Efficiency
Efficiency up
up
up
up to
to
to
to 82%
82%
82%
82%
2:1
2:1
2:1
2:1 wide
wide
wide
wide input
input
input
input voltage
voltage
voltage
voltage range
range
range
range
Operating
Operating
Operating
Operating temperature:
temperature:
temperature:
temperature: -40
-40
-40
-40℃to
to
to
to +85
+85
+85
+85℃
Reg.
Reg.
Reg.
Reg. Single
Single
Single
Single and
and
and
and Dual
Dual
Dual
Dual Output
Output
Output
Output
I/O
I/O
I/O
I/O Isolation
Isolation
Isolation
Isolation 3000VD
3000VD
3000VD
3000VDC
C
C
C
SIP8
SIP8
SIP8
SIP8 package
package
package
package
On/Off
On/Off
On/Off
On/Off Control
Control
Control
Control (optional)
(optional)
(optional)
(optional)
Conti
Conti
Conti
Continue
nue
nue
nue Short
Short
Short
Short Circuit
Circuit
Circuit
Circuit Protection
Protection
Protection
Protection
RoHS
RoHS
RoHS
RoHS Compliance
Compliance
Compliance
Compliance
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
.
MICRODC reserves the copyright
The WRE-YS-2W & WRF-YS-2W 2Watt series
is a family of cost effective 2W dual and single
output DC/DC converters with an optional
control
Pin(SIP8).
These
converters
are
encapsulated in an ultra miniature SIP8 plastic
case. 3000VDC I/O isolation performance
features :continuous long time short circuit
protection with automatic restart and tight line /
load regulation, high efficiency operation and
output voltage accuracy of ± 2% maximum.


Similar Part No. - WRE-YS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
WRE-YS-3W MICRODC-WRE-YS-3W Datasheet
745Kb / 3P
   3W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC-DC CONVERTER
More results

Similar Description - WRE-YS-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YT-2W MICRODC-WRA-YT-2W Datasheet
393Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLEOUTPUTDC/DCCONVERTER
WRA-YMT-2W MICRODC-WRA-YMT-2W Datasheet
451Kb / 3P
   2W,WIDE INPUT, ISOLATED & REGULATED SINGLE/DUALOUTPUT DC/DCCONVERTER
WRN78XXM-1000 MICRODC-WRN78XXM-1000 Datasheet
1Mb / 4P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRN78XX-1000 MICRODC-WRN78XX-1000 Datasheet
731Kb / 2P
   WIDEINPUT,NON-ISOLATED REGULATED SINGLEOUTPUT SIP3DC/DCCONVERTER
WRA-YD-2W MICRODC-WRA-YD-2W Datasheet
484Kb / 3P
   2W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2TC12W4 GAPTEC-2TC12W4 Datasheet
854Kb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2T16WE GAPTEC-2T16WE Datasheet
1Mb / 3P
   2W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
2D16WA GAPTEC-2D16WA Datasheet
745Kb / 3P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
2S9W4 GAPTEC-2S9W4 Datasheet
1Mb / 5P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
2S8W-2RP GAPTEC-2S8W-2RP Datasheet
961Kb / 3P
   2W - Dual/Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com