Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRE-YD-6W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # WRE-YD-6W
Description  6W, 2:1WIDEINPUT, ISOLATED®ULATEDSINGLE/DUALOUTPUTDC-DCCONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

WRE-YD-6W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  WRE-YD-6W Datasheet HTML 1Page - Microdc power Technology Co., Ltd WRE-YD-6W Datasheet HTML 2Page - Microdc power Technology Co., Ltd WRE-YD-6W Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WRE-
WRE-
WRE-
WRE-
WRE-
WRE-
WRE-
WRE-YD
YD
YD
YD
YD
YD
YD
YD-6W&WRF-
-6W&WRF-
-6W&WRF-
-6W&WRF-
-6W&WRF-
-6W&WRF-
-6W&WRF-
-6W&WRF-YD
YD
YD
YD
YD
YD
YD
YD-6W
-6W
-6W
-6W
-6W
-6W
-6W
-6W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 3
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT
PRODUCT PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
PROGRAM
Part
Number
Input
Output
Efficiency
(%,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(MA)
Nominal
Range
Max*
Max
Min
WRE0505YD-6W
5
4.5-9
11
±5
±600
±60
76
WRE0512YD-6W
5
4.5-9
11
±12
±250
±25
80
WRE0515YD-6W
5
4.5-9
11
±15
±200
±20
82
WRF0505YD-6W
5
4.5-9
11
5
1200
120
76
WRF0512YD-6W
5
4.5-9
11
12
500
50
80
WRF0515YD-6W
5
4.5-9
11
15
400
40
82
WRE1205YD-6W
12
9-18
20
±5
±600
±60
78
WRE1212YD-6W
12
9-18
20
±12
±250
±25
82
WRE1215YD-6W
12
9-18
20
±15
±200
±20
84
WRF1205YD-6W
12
9-18
20
5
1200
120
78
WRF1212YD-6W
12
9-18
20
12
500
50
82
WRF1215YD-6W
12
9-18
20
15
400
40
84
WRE2405YD-6W
24
18-36
40
±5
±600
±60
80
WRE2412YD-6W
24
18-36
40
±12
±250
±25
84
WRE2415YD-6W
24
18-36
40
±15
±200
±20
86
WRF2405YD-6W
24
18-36
40
5
1200
120
80
WRF2412YD-6W
24
18-36
40
12
500
50
84
WRF2415YD-6W
24
18-36
40
15
400
40
86
WRE4805YD-6W
48
36-72
80
±5
±600
±60
80
WRE4812YD-6W
48
36-72
80
±12
±250
±25
84
WRE4815YD-6W
48
36-72
80
±15
±200
±20
86
WRF4805YD-6W
48
36-72
80
5
1200
120
80
WRF4812YD-6W
48
36-72
80
12
500
50
84
WRF4815YD-6W
48
36-72
80
15
400
40
86
*Input voltage can
exceed this value, or will cause the permanent damage.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
WR
WR
WR
WR
WR
WR
WR
WRF
F
F
F
F
F
F
F
24
24
24
24
24
24
24
24
05
05
05
05
05
05
05
05
Y
Y
Y
Y
Y
Y
Y
Y
D
D
D
D
D
D
D
D
--------6
6
6
6
6
6
6
6W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage
④Wide (2:1) Input Range
⑤DIP Package Style
⑥Rated Power
6W,
6W,
6W,
6W, 2:1
2:1
2:1
2:1 WIDE
WIDE
WIDE
WIDE INPUT,
INPUT,
INPUT,
INPUT, ISOLATED
ISOLATED
ISOLATED
ISOLATED &
&
&
& REGULATED
REGULATED
REGULATED
REGULATED SINGLE/DUAL
SINGLE/DUAL
SINGLE/DUAL
SINGLE/DUAL OUTPUT
OUTPUT
OUTPUT
OUTPUT DC-DC
DC-DC
DC-DC
DC-DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
DIP24 package
Efficiency up to 86%
Operating temperature: -40℃to +85℃
3KVDC input/output Isolation
Short circuit protection
( automatic
recovery)
Internal SMD construction
No heat sink required
Industry standard pinout
MTBF>1,000,000 hours
RoHS Compliance
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The WRE_YD-6W&WRF_YD-6W series are specially
designed for applications where a wide range input
voltage power supplies are isolated from the input power
supply in a distributed power supply system on a circuit
board.
These products apply to:
1) Where the voltage of the input power supply is wide
range (voltage range ≤2:1);
2) Where
isolation
is
necessary
between
input
and output(Isolation Voltage ≤3000VDC);
3) Where the regulation of the output voltage and the
output ripple noise are demanded.
MICRODC reserves the copyright
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Item
Item
Item
Item
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
Min.
Min.
Min.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Units
Units
Units
Units
Storage humidity
Test Conditions
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
40
Lead temperature
1.5mm from case for 10 seconds
300
No-load power consumption
500
mW
Cooling
Free air convection
Short circuit protection
Continuous, automatic recovery
Case material
Plastic (UL94-V0)
MTBF
1000
K hours
Weight
17
g


Similar Part No. - WRE-YD-6W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRE-YD-3W MICRODC-WRE-YD-3W Datasheet
543Kb / 3P
3W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRE-YD-4W MICRODC-WRE-YD-4W Datasheet
782Kb / 3P
4W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRE-YD-5W MICRODC-WRE-YD-5W Datasheet
462Kb / 3P
5W,2:1 WIDE INPUT,ISOLATED®ULATED DUAL/SINGLE OUTPUT DIP24 DC/DC CONVERTER
More results

Similar Description - WRE-YD-6W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IB-XT-1W MICRODC-IB-XT-1W Datasheet
607Kb / 3P
1W,FIXED INPUT,ISOLATED & REGULATEDSINGLE OUTPUT,SMD DC-DCCONVERTER
WRA-YD-6W MICRODC-WRA-YD-6W Datasheet
1Mb / 3P
6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WRA-YMD-10W MICRODC-WRA-YMD-10W Datasheet
766Kb / 3P
2:1WIDEINPUT,ISOLATED®ULATED Dual/SingleOutputDC/DCConverter
WRA-ZHD-6W MICRODC-WRA-ZHD-6W Datasheet
656Kb / 3P
6W,WIDE INPUT, ISOLATED & REGULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
WR-ZD-6W MICRODC-WR-ZD-6W Datasheet
1Mb / 3P
6W,WIDEINPUT, ISOLATED®ULATEDDUAL/SINGLEOUTPUTDC-DCCONVERTER
F-XT-1W MICRODC-F-XT-1W Datasheet
859Kb / 3P
1W, FIXEDINPUT, ISOLATED SINGLE/DUALOUTPUTDC-DCCONVERTER
WRB-YMD-20W MICRODC-WRB-YMD-20W Datasheet
514Kb / 2P
WIDE INPUT,ISOLATED & REGULATEDSingleOutputDC/DCConverter
WRB-YQD-30W MICRODC-WRB-YQD-30W Datasheet
599Kb / 3P
30W,WIDEINPUT, ISOLATED®ULATEDSINGLEOUTPUTDC-DCCONVERTER
WRD-YKD-6W MICRODC-WRD-YKD-6W Datasheet
931Kb / 3P
6W,WIDEINPUT ISOLATED ®ULATEDTWINOUTPUTDIP24 DC-DCCONVERTER
MD-XD-6W MICRODC-MD-XD-6W Datasheet
930Kb / 3P
6W, FIXEDINPUT ISOLATED & REGULATED TWINOUTPUTDIP24 DC-DCCONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com