Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ7111 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ7111
Description  Critical Conduction Mode PFC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ7111 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

Back Button AOZ7111 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 10Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AOZ7111
Rev. 1.0 January 2013
www.aosmd.com
Page 6 of 15
Typical Characteristics
Charge Current vs. Temperature
Temperature (°C)
250
240
230
220
210
200
190
180
170
160
150
-150
-25
0
25
50
75
100
125
Start Threshold vs. Temperature
Temperature (°C)
13.0
12.8
12.6
12.4
12.2
12.0
11.8
11.6
11.4
11.2
11.0
-150
-25
0
25
50
75
100
125
Stop Threshold vs. Temperature
Temperature (°C)
10.5
10.3
10.1
9.9
9.7
9.5
9.3
9.1
8.9
8.7
8.5
-150
-25
0
25
50
75
100
125
OPC1 vs. Temperature
Temperature (°C)
-0.60
-0.62
-0.64
-0.66
-0.68
-0.70
-0.72
-0.74
-0.76
-0.78
-0.80
-150
-25
0
25
50
75
100
125
OVP vs. Temperature
Temperature (°C)
2.85
2.80
2.75
2.70
2.65
-150
-25
0
25
50
75
100
125
OVP_INV vs. Temperature
Temperature (°C)
2.72
2.70
2.68
2.66
2.64
2.62
-150
-25
0
25
50
75
100
125


Similar Part No. - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ7200CI AOSMD-AOZ7200CI Datasheet
654Kb / 9P
   600V - AlphaZBLTM
Rev. 2.1 June 2022
More results

Similar Description - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com