Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ7111 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ7111
Description  Critical Conduction Mode PFC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ7111 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ7111 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AOZ7111
Rev. 1.0 January 2013
www.aosmd.com
Page 4 of 15
Note:
1. Specifications in BOLD indicate an ambient temperature range -40°C to +125°C. These specifications are guaranteed by design.
ZERO CURRENT DETECTION
VZCD-TH
Zero Current Detection Comparator
Threshold
-24
-15
-9
mV
VOCP1
OCP1 Threshold Voltage
(Shutdown Mode)
-0.8
-0.7
-0.6
V
VOCP2
OCP2 Threshold Voltage
(Latch Mode)
-1.2
V
TZCD, D
Output Delay from ZCD to
Output Turn-On
650
ns
GATE DRIVE
ROH
Drive Pull-Up Resistance
ISOURCE = 50mA
24
30
ROL
Drive Pull-Down Resistance
ISINK = 50mA
5
6
TRISE
Output Rise Time
CL = 1nF, 10% to 90%
70
ns
TFALL
Output Fall Time
CL = 1nF, 90% to 10%
25
ns
PROTECTION
VDOVP
Dynamic OVP Threshold Voltage
TA = 25°C
2.54
2.575
2.61
V
HVOVP_INV Dynamic OVP Hysteresis
TA = 25°C
0.05
V
VOVP_INV OVP Threshold Voltage @ INV Pin
TA = 25°C
2.62
2.685
2.75
V
HVOVP_INV OVP Hysteresis @ INV Pin
TA = 25°C
0.175
V
VOVP
OVP Threshold Voltage @ OVP Pin
TA = 25°C
2.65
2.75
2.85
V
VEN_INV
INV Enable Threshold
TA = 25°C
0.5
V
HYEN
INV Enable Hysteresis
TA = 25°C
0.01
0.055 0.120
V
OTP
Over-Temperature Shutdown Limit
TJ Rising
TJ Falling
150
100
°C
THYS
Hysteresis Temperature of OTP
50
°C
Electrical Characteristics (Continued)
TA = 25°C, VCC = 14V, unless otherwise specified(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units


Similar Part No. - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ7200CI AOSMD-AOZ7200CI Datasheet
654Kb / 9P
   600V - AlphaZBLTM
Rev. 2.1 June 2022
More results

Similar Description - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com