Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ7111 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ7111
Description  Critical Conduction Mode PFC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ7111 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ7111 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AOZ7111
Rev. 1.0 January 2013
www.aosmd.com
Page 3 of 15
Absolute Maximum Ratings
Exceeding the Absolute Maximum Ratings may damage the device.
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
-0.3
20
V
IOH, IOL
Peak Drive Output Current
-800
+300
mA
ICLAMP
Driver Output Clamping Diode VO>VCC or VO<-0.3V
-10
+10
mA
VIN
INV, OVP Pin Input Voltage
-0.3
5
V
CT, COMP Pin Input Voltage
-0.3
9.5
V
CS Pin Input Voltage
-5
0.3
V
Driver Output Voltage
-0.3
VCC
V
TJ
Operating Junction Temperature
+150
°C
TA
Operating Temperature Range
-40
+125
°C
TS
Storage Temperature Range
-65
+150
°C
ESD
Electrostatic Discharge Capability (Human Body Model, JES22-A114)
2.5
kV
TL
Lead Temperature (Soldering, 10s)
300
°C
JA
Package Thermal Resistance (Junction-to-Ambient)
150
°C/W
Electrical Characteristics
TA = 25°C, VCC = 14V, unless otherwise specified(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SUPPLY
VCC
Operating Range
After Turn On
10.5
18
V
VSTART
Start Threshold Voltage
VCC Increasing
11
12
13
V
VSTOP
Stop Threshold Voltage
VCC Decreasing
8.5
9.5
10.5
V
VUVLO_HY Input Under-Voltage Lockout Hysteresis
2.5
V
VZ
Zener Voltage
ICC = 20mA
18
20
22
V
IIN_NS
Non-Switching Supply Current
VCOMP < 0.9V, VIN = 14V
0.5
1.0
1.5
mA
ISTB
Standby Current
VINV < 0.2V
30
60
µA
ERROR AMPLIFIER
VREF
Voltage Reference
TJ = 25°C
2.465
2.5
2.535
V
VREF_LINE Line Regulation
VCC = 14V ~ 18V
10
mV
Gm
Transconductance
VINV = 2.4V to 2.6V
75
100
125
µS
IO
Error Amplifier Current Capability
Source: VINV = VREF -0.1V
Sink: VINV = VREF +0.1V
-10
+10
µA
Ct_OFFSET Minimum Control Voltage to Generate
Drive Pluses
1.0
V
RAMP OSCILLATOR
FMAX
Maximum Oscillating Frequency
350
KHz
TSTART
Restart Timer Delay
50
150
300
µs
VCT(MAX)
CT Peak Voltage
VCOMP = Open
8
V
ICHARGE
On Time Capacitor Charge Current
150
200
250
µA


Similar Part No. - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ7200CI AOSMD-AOZ7200CI Datasheet
654Kb / 9P
   600V - AlphaZBLTM
Rev. 2.1 June 2022
More results

Similar Description - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com