Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ7111 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ7111
Description  Critical Conduction Mode PFC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ7111 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ7111 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AOZ7111
Rev. 1.0 January 2013
www.aosmd.com
Page 2 of 15
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ7111AI
-40°C to +125°C
SO-8
Green Product
Pin Number
Pin Name
Pin Function
1
INV
Inverting input of the error amplifier. The output voltage of the boost PFC converter should be
resistively divided to 2.5V.
2
CT
The Ct pin sources a current to charge an external timing capacitor. The circuit controls the
power switch on time by comparing the Ct voltage to an internal voltage derived from VCOMP.
The Ct pin discharge the external timing capacitor at the end of the on time.
3
COMP
This pin is the output of the transconductance error amplifier. Components for the
compensation should be connected between this pin and GND.
4
OVP
The OVP pin is used to detect PFC output over-voltage when the INV pin information is not
correct.
5
CS
This pin is the input of the zero current detection and over-current protection comparator.
6
GND
The GND pin is analog ground.
7
OUT
This pin is the gate drive output.
8
VCC
This is the IC supply pin.
1
2
3
4
INV
CT
COMP
OVP
SO-8
(Top View)
VCC
OUT
GND
CS
8
7
6
5


Similar Part No. - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ7200CI AOSMD-AOZ7200CI Datasheet
654Kb / 9P
   600V - AlphaZBLTM
Rev. 2.1 June 2022
More results

Similar Description - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com