Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ7111 Datasheet(PDF) 13 Page - Alpha & Omega Semiconductors

Part # AOZ7111
Description  Critical Conduction Mode PFC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ7111 Datasheet(HTML) 13 Page - Alpha & Omega Semiconductors

Back Button AOZ7111 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 15Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AOZ7111
Rev. 1.0 January 2013
www.aosmd.com
Page 13 of 15
Package Dimensions, SO-8L
Notes:
1. All dimensions are in millimeters.
2. Dimensions are inclusive of plating.
3. Package body size exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 6 mils each.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
Symbols
A
A1
A2
b
c
D
E
e
E1
h
L
θ
Dimensions in millimeters
RECOMMENDED LAND PATTERN
Min.
1.35
0.10
1.25
0.31
0.17
4.80
3.80
5.80
0.25
0.40
0
°
UNIT: mm
θ
Nom.
1.65
1.50
4.90
3.90
1.27 BSC
6.00
Max.
1.75
0.25
1.65
0.51
0.25
5.00
4.00
6.20
0.50
1.27
8
°
Dimensions in inches
L
c
7° (4x)
5.74
1.27
0.80
0.635
b
A1
A2 A
Symbols
A
A1
A2
b
c
D
E
e
E1
h
L
θ
Min.
0.053
0.004
0.049
0.012
0.007
0.189
0.150
0.228
0.010
0.016
0
°
Nom.
0.065
0.059
0.193
0.154
0.050 BSC
0.236
Max.
0.069
0.010
0.065
0.020
0.010
0.197
0.157
0.244
0.020
0.050
8
°
E1
E
D
e
1
8
0.25mm
Gauge plane Seating plane
0.10mm


Similar Part No. - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ7200CI AOSMD-AOZ7200CI Datasheet
654Kb / 9P
   600V - AlphaZBLTM
Rev. 2.1 June 2022
More results

Similar Description - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com