Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ7111 Datasheet(PDF) 11 Page - Alpha & Omega Semiconductors

Part # AOZ7111
Description  Critical Conduction Mode PFC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ7111 Datasheet(HTML) 11 Page - Alpha & Omega Semiconductors

Back Button AOZ7111 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 15Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AOZ7111
Rev. 1.0 January 2013
www.aosmd.com
Page 11 of 15
Figure 5. OVP Circuitry Around INV and OVP Pin
AC Input Fault Detection
AOZ7111 does not require an AC input voltage sensing,
nor does it need the auxiliary winding with minus current
detection. In general, the VCC of PFC controller is
supplied by a system standby power supply, a mismatch
may occur in a worst case scenario. A worst case
scenario could be AC input chattering: the electric AC
power source is suddenly absent for two or three
additional AC line cycles, VCC is still higher than UVLO
(VSTOP) during this time, so the voltage control loop tries
to compensate for the VOUT drop and VCOMP will
increase until it reaches its maximum clamp level. During
the AC input recovery, high comp leads to very high
switching current and severe stress is put on both the
MOSFET and boost diode. To ensure that the system is
more robust and reliable, AOZ7111 has a unique AC
input fault detection circuit to protect against this type of
scenario. If the AC input voltage is absent two or three
additional cycles, internal soft-start is reset and waits for
the AC input recovery again. During the AC input
recovery, soft-start manages turn-on time allowing the
switching current to increase smoothly.
Figure 6. Operation with AC Input Fault Detection
Under Voltage Lock Out (UVLO)
UVLO function is used to prevent controller malfunction
when VCC supply voltage drops. When VCC supply
voltage reaches 12V (typ), the internal block of the IC is
enabled and starts operation. When VCC supply voltage
drops below 9.5V (typ), most of the internal circuit is
disabled to reduce the IC current consumption.
Under Voltage Protection (UVP)
AOZ7111 detects the under voltage fault if VINV is less
than VEN_INV. The UVP comparator disables the operation
when VINV is less than 0.5V and there is 55mV hysteresis.
An external small-signal MOSFET can be used to
disables the IC. During disable mode, the current
consumption of the IC decreases to 60µA or less.
VCOMP
IDS
t
t
t
VOUT
VAC
ROVP1
ROVP2
RFB1
RFB2
+
1.07*VREF
+
S
Q
R
POR
INV pin
OVP pin
VOUT
1.1*VREF


Similar Part No. - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ7200CI AOSMD-AOZ7200CI Datasheet
654Kb / 9P
   600V - AlphaZBLTM
Rev. 2.1 June 2022
More results

Similar Description - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com