Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ7111 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ7111
Description  Critical Conduction Mode PFC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ7111 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ7111 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 1.0 January 2013
www.aosmd.com
Page 1 of 15
AOZ7111
Critical Conduction Mode PFC Controller
General Description
The AOZ7111 is an active power factor correction (PFC)
controller for boost PFC applications that operate in
critical conduction mode (CRM). The device uses a
voltage mode PWM which does not need rectified AC
line voltage information, it saves the power loss of an
input sensing network necessary for traditional current-
mode CRM PFC controller. The AOZ7111 minimizes the
number of external components by integrating safety
features that make it an excellent choice for designing
robust PFC stages.
The AOZ7111 is available in a SO-8 package and it is
rated over a -40°C to +125°C ambient temperature
range.
Features
No AC input voltage sensing requirement
AC Fault Detect™ makes system more robust
Maximum switching frequency limitation
Additional OVP detection pin
Output over-voltage / open-feedback protection and
disable function
Internal closed loop soft-start
Dynamic OVP function
Non-linear gain error amplifier enable fast line and load
transient response
No need for the auxiliary winding with minus current
detection (ZCD)
150µs internal start-up timer
MOSFET over-current protection and inductor
saturation protection
Under-voltage lockout with hysteresis
Lower startup and operating current
+300mA / -800mA peak gate drive current
Thermal shutdown
SO-8 package
Applications
Adapter / ballast
LCD TV / LED TV
SMPS
Typical Application
OVP
GND
OUT
INV
CT
VCC
COMP
CS
AOZ7111
+
VCC
AC
Line
Filter
VOUT
+
Figure 1. Typical Boost PFC Application


Similar Part No. - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ7200CI AOSMD-AOZ7200CI Datasheet
654Kb / 9P
   600V - AlphaZBLTM
Rev. 2.1 June 2022
More results

Similar Description - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com