Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ7111 Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AOZ7111
Description  Critical Conduction Mode PFC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ7111 Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AOZ7111 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ7111 Datasheet HTML 12Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AOZ7111
Rev. 1.0 January 2013
www.aosmd.com
Page 8 of 15
Detailed Description
The AOZ7111 is a voltage mode active power factor
correction (PFC) controller designed for cost-effective
boost PFC applications that operate in critical conduction
mode (CRM). Its voltage mode scheme does not require
an AC input line-sensing network, usually necessary for a
current mode CRM PFC controller. It gets the ZCD signal
pulse from the current sense resistor; therefore, ZCD
auxiliary winding is not needed.
AOZ7111 features output over-voltage protection, over-
current protection, open-feedback protection, and under-
voltage lockout protection. A unique AC input fault
detection circuit makes the system more robust during
the AC absent test. The additional OVP pin can be used
to double check the output voltage if the feedback
resistor gets damaged. The controller also implements
comprehensive safety features for robust designs.
The AOZ7111 is available in SO-8 package.
Error Amplifier Regulation
AOZ7111 regulates the boost output voltage using an
internal transconductance error amplifier (EA) with a
typical transconductance value of 100µS. The advantage
in using a transconductance error amplifier is that the INV
pin voltage is only determined by the resistor divider
network connected to the output voltage, not the
operation of the amplifier. This enables the INV pin to be
used for sensing over-voltage or under-voltage
conditions independently of the error amplifier.
The negative terminal of the EA is pinned out to INV, the
positive terminal is connected to a 2.5V (±1.8%)
reference (VREF), and the EA output is pinned out COMP.
The output of the error amplifier (COMP) is connected to
the PWM comparator and controls the on-time of the
OUT output.
The sink and source current capability of the error
amplifier is approximate 10µA during normal operation.
When the INV pin voltage is over the normal operating
conditions (VINV>2.6V, or VINV<2.4V if the error is large),
additional circuitry is activated to enhance the slew-rate
of the error amplifier, it enables fast line and load
transient response.
Figure 2. Non-linear Gain Characteristics
The output voltage of PFC contains a high ripple
frequency, 2 times the AC power line (50Hz or 60Hz).
The VOUT ripple is attenuated by the regulation loop to
ensure VCOMP is constant during the AC line cycle. In
order to obtain a stable operation and ensure VCOMP is
constant during the AC line cycle, the bandwidth should
typically be set below 20Hz so that the regulation block
output may be relatively constant over a given AC line
cycle.
Soft-Start
AOZ7111 employs an internal soft-start function to
suppress inrush current and overshoot of output voltage
during the startup. The soft-start circuit works after UVLO
and standby are released and before the soft-start
cancellation voltage is exceeded. During the soft-start,
the OTA supplies a constant 10µA into the compensation
network at the COMP pin. The voltage at this pin rises
linearly as well as the amplitude of the input current. As
soon as the output voltage VOUT reaches 95% of its rated
level, the startup procedure is finished and the normal
voltage control takes over.
100µS
ICOMP
INV
2.4V
2.6V
2.5V
Source
Sink
200µS


Similar Part No. - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ7200CI AOSMD-AOZ7200CI Datasheet
654Kb / 9P
   600V - AlphaZBLTM
Rev. 2.1 June 2022
More results

Similar Description - AOZ7111

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com