Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APFCON Datasheet(PDF) 143 Page - Microchip Technology

Part # APFCON
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APFCON Datasheet(HTML) 143 Page - Microchip Technology

Back Button APFCON Datasheet HTML 139Page - Microchip Technology APFCON Datasheet HTML 140Page - Microchip Technology APFCON Datasheet HTML 141Page - Microchip Technology APFCON Datasheet HTML 142Page - Microchip Technology APFCON Datasheet HTML 143Page - Microchip Technology APFCON Datasheet HTML 144Page - Microchip Technology APFCON Datasheet HTML 145Page - Microchip Technology APFCON Datasheet HTML 146Page - Microchip Technology APFCON Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 143
MCP19111
26.1.4
PWM DUTY CYCLE (DCLOCK)
The PWM duty cycle (DCLOCK) is specified by writing
to the PWMRL register. Up to 8-bit resolution is
available. The following equation is used to calculate
the PWM duty cycle (DCLOCK):
EQUATION 26-4:
The PWMRL bits can be written to at any time, but the
duty cycle value is not latched into PWMRH until after
a match between PR2 and TMR2 occurs.
26.2
Operation during Sleep
When the device is placed in Sleep, the allocated
timer will not increment and the state of the module will
not change. If the CLKPIN pin is driving a value, it will
continue to drive that value. When the device wakes
up, it will continue from this state.
PWM DUTY CYCLE=PWMRL x TOSC x(T2 PRESCALE VALUE)
TABLE 26-1:
SUMMARY OF REGISTERS ASSOCIATED WITH PWM MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
APFCON
—
—
—
—
—
—
—
CLKSEL
110
T2CON
—
—
—
—
—
TMR2ON T2CKPS1 T2CKPS0
139
PR2
Timer2 Module Period Register
138*
PWMRL
PWM Register Low Byte
141*
PWMPHL
SLAVE Phase Shift Byte
141*
BUFFCON
MLTPH2
MLTPH1
MLTPH0
ASEL4
ASEL3
ASEL2
ASEL1
ASEL0
56
Legend:
— = Unimplemented locations, read as ‘0’. Shaded cells are not used by Capture mode.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com