Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1608_10 Datasheet HTML 1Page - ON Semiconductor NCP1608_10 Datasheet HTML 2Page - ON Semiconductor NCP1608_10 Datasheet HTML 3Page - ON Semiconductor NCP1608_10 Datasheet HTML 4Page - ON Semiconductor NCP1608_10 Datasheet HTML 5Page - ON Semiconductor NCP1608_10 Datasheet HTML 6Page - ON Semiconductor NCP1608_10 Datasheet HTML 7Page - ON Semiconductor NCP1608_10 Datasheet HTML 8Page - ON Semiconductor NCP1608_10 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
NCP1608
http://onsemi.com
4
Table 3. ELECTRICAL CHARACTERISTICS
VFB = 2.4 V, VControl = 4 V, Ct = 1 nF, VCS = 0 V, VZCD = 0 V, CDRV = 1 nF, VCC = 12 V, unless otherwise specified
(For typical values, TJ = 25°C. For min/max values, TJ = −40°C to 125°C, unless otherwise specified)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
STARTUP AND SUPPLY CIRCUITS
Startup Voltage Threshold
VCC Increasing
VCC(on)
11
12
12.5
V
Minimum Operating Voltage
VCC Decreasing
VCC(off)
8.8
9.5
10.2
V
Supply Voltage Hysteresis
HUVLO
2.2
2.5
2.8
V
Startup Current Consumption
0 V < VCC < VCC(on) − 200 mV
Icc(startup)
24
35
mA
No Load Switching
Current Consumption
CDRV = open, 70 kHz Switching,
VCS = 2 V
Icc1
1.4
1.7
mA
Switching Current Consumption
70 kHz Switching, VCS = 2 V
Icc2
2.1
2.6
mA
Fault Condition Current Consumption
No Switching, VFB = 0 V
Icc(fault)
0.75
0.95
mA
OVERVOLTAGE AND UNDERVOLTAGE PROTECTION
Overvoltage Detect Threshold
VFB = Increasing
VOVP/VREF
105
106
108
%
Overvoltage Hysteresis
VOVP(HYS)
20
60
100
mV
Overvoltage Detect Threshold
Propagation Delay
VFB = 2 V to 3 V ramp,
dV/dt = 1 V/ms
VFB = VOVP to VDRV = 10%
tOVP
500
800
ns
Undervoltage Detect Threshold
VFB = Decreasing
VUVP
0.25
0.31
0.4
V
Undervoltage Detect Threshold
Propagation Delay
VFB = 1 V to 0 V ramp,
dV/dt = 10 V/ms
VFB = VUVP to VDRV = 10%
tUVP
100
200
300
ns
ERROR AMPLIFIER
Voltage Reference
TJ = 25°C
TJ = −40°C to 125°C
VREF
2.475
2.460
2.500
2.500
2.525
2.540
V
Voltage Reference Line Regulation
VCC(on) + 200 mV < VCC < 20 V
VREF(line)
−10
10
mV
Error Amplifier Current Capability
VFB = 2.6 V
VFB = 1.08*VREF
VFB = 0.5 V
IEA(sink)
IEA(sink)OVP
IEA(source)
6
10
−250
10
20
−210
20
30
−110
mA
Transconductance
VFB = 2.4 V to 2.6 V
TJ = 25°C
TJ = −40°C to 125°C
gm
90
70
110
110
120
135
mS
Feedback Pin Internal Pull−Down
Resistor
VFB = VUVP to VREF
RFB
2
4.6
10
MW
Feedback Bias Current
VFB = 2.5 V
IFB
0.25
0.54
1.25
mA
Control Bias Current
VFB = 0 V
IControl
−1
1
mA
Maximum Control Voltage
IControl(pullup) = 10 mA,
VFB = VREF
VEAH
5
5.5
6
V
Minimum Control Voltage to Generate
Drive Pulses
VControl = Decreasing until
VDRV is low, VCt = 0 V
Ct(offset)
0.37
0.65
0.88
V
Control Voltage Range
VEAH – Ct(offset)
VEA(DIFF)
4.5
4.9
5.3
V


Similar Part No. - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com