Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1608_10 Datasheet HTML 1Page - ON Semiconductor NCP1608_10 Datasheet HTML 2Page - ON Semiconductor NCP1608_10 Datasheet HTML 3Page - ON Semiconductor NCP1608_10 Datasheet HTML 4Page - ON Semiconductor NCP1608_10 Datasheet HTML 5Page - ON Semiconductor NCP1608_10 Datasheet HTML 6Page - ON Semiconductor NCP1608_10 Datasheet HTML 7Page - ON Semiconductor NCP1608_10 Datasheet HTML 8Page - ON Semiconductor NCP1608_10 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
NCP1608
http://onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTION
Pin
Name
Function
1
FB
The FB pin is the inverting input of the internal error amplifier. A resistor divider scales the output voltage to VREF to main-
tain regulation. The feedback voltage is used for overvoltage and undervoltage protections. The controller is disabled
when this pin is forced to a voltage less than VUVP, a voltage greater than VOVP, or floating.
2
Control
The Control pin is the output of the internal error amplifier. A compensation network is connected between the Control pin
and ground to set the loop bandwidth. A low bandwidth yields a high power factor and a low Total Harmonic Distortion (THD).
3
Ct
The Ct pin sources a current to charge an external timing capacitor. The circuit controls the power switch on time by com-
paring the Ct voltage to an internal voltage derived from VControl. The Ct pin discharges the external timing capacitor at the
end of the on time.
4
CS
The CS pin limits the cycle−by−cycle current through the power switch. When the CS voltage exceeds VILIM, the drive
turns off. The sense resistor that connects to the CS pin programs the maximum switch current.
5
ZCD
The voltage of an auxiliary winding is sensed by this pin to detect the inductor demagnetization for CrM operation.
6
GND
The GND pin is analog ground.
7
DRV
The integrated driver has a typical source impedance of 12 W and a typical sink impedance of 6 W.
8
VCC
The VCC pin is the positive supply of the controller. The controller is enabled when VCC exceeds VCC(on) and is disabled
when VCC decreases to less than VCC(off).
Table 2. MAXIMUM RATINGS
Rating
Symbol
Value
Unit
FB Voltage
VFB
−0.3 to 10
V
FB Current
IFB
±10
mA
Control Voltage
VControl
−0.3 to 6.5
V
Control Current
IControl
−2 to 10
mA
Ct Voltage
VCt
−0.3 to 6
V
Ct Current
ICt
±10
mA
CS Voltage
VCS
−0.3 to 6
V
CS Current
ICS
±10
mA
ZCD Voltage
VZCD
−0.3 to 10
V
ZCD Current
IZCD
±10
mA
DRV Voltage
VDRV
−0.3 to VCC
V
DRV Sink Current
IDRV(sink)
800
mA
DRV Source Current
IDRV(source)
500
mA
Supply Voltage
VCC
−0.3 to 20
V
Supply Current
ICC
±20
mA
Power Dissipation (TA = 70°C, 2.0 Oz Cu, 55 mm2 Printed Circuit Copper Clad)
PD
450
mW
Thermal Resistance Junction−to−Ambient
(2.0 Oz Cu, 55 mm2 Printed Circuit Copper Clad)
Junction−to−Air, Low conductivity PCB (Note 3)
Junction−to−Air, High conductivity PCB (Note 4)
RqJA
RqJA
RqJA
178
168
127
°C/W
Operating Junction Temperature Range
TJ
−40 to 125
°C
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature Range
TSTG
−65 to 150
°C
Lead Temperature (Soldering, 10 s)
TL
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Pins 1– 8: Human Body Model 2000 V per JEDEC Standard JESD22−A114E.
Pins 1– 8: Machine Model Method 200 V per JEDEC Standard JESD22−A115−A.
2. This device contains Latch−Up protection and exceeds ± 100 mA per JEDEC Standard JESD78.
3. As mounted on a 40x40x1.5 mm FR4 substrate with a single layer of 80 mm2 of 2 oz copper traces and heat spreading area. As specified for
a JEDEC 51 low conductivity test PCB. Test conditions were under natural convection or zero air flow.
4. As mounted on a 40x40x1.5 mm FR4 substrate with a single layer of 650 mm2 of 2 oz copper traces and heat spreading area. As specified
for a JEDEC 51 high conductivity test PCB. Test conditions were under natural convection or zero air flow.


Similar Part No. - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com