Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1608 Datasheet(PDF) 22 Page - ON Semiconductor

Part # NCP1608
Description  Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1608 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button NCP1608_10 Datasheet HTML 16Page - ON Semiconductor NCP1608_10 Datasheet HTML 17Page - ON Semiconductor NCP1608_10 Datasheet HTML 18Page - ON Semiconductor NCP1608_10 Datasheet HTML 19Page - ON Semiconductor NCP1608_10 Datasheet HTML 20Page - ON Semiconductor NCP1608_10 Datasheet HTML 21Page - ON Semiconductor NCP1608_10 Datasheet HTML 22Page - ON Semiconductor NCP1608_10 Datasheet HTML 23Page - ON Semiconductor NCP1608_10 Datasheet HTML 24Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
NCP1608
http://onsemi.com
22
BOOST DESIGN EQUATIONS Components are identified in Figure 1
Input rms Current
Iac +
Pout
h @ Vac
h (the efficiency of only the PFC
stage) is generally in the range of 90
− 95%. Vac is the rms ac line input
voltage.
Inductor Peak Current
IL(peak) +
2 @ 2 @ Pout
h @ Vac
The maximum inductor peak current
occurs at the minimum line input
voltage and maximum output power.
Inductor Value
L v
Vac2 @
Vout
2
* Vac @ h
2 @ Vout @ Pout @ fSW(MIN)
fSW(MIN) is the minimum desired
switching frequency. The maximum L
is calculated at both the minimum
line input voltage and maximum line
input voltage.
On Time
ton +
2 @ L @ Pout
h @ Vac 2
The maximum on time occurs at the
minimum line input voltage and max-
imum output power.
Off Time
toff +
ton
Vout
Vac@sinq@ 2
* 1
The off time is a maximum at the
peak of the ac line voltage and ap-
proaches zero at the ac line zero
crossings. Theta (q) represents the
angle of the ac line voltage.
Switching Frequency
fSW +
Vac 2 @ h
2 @ L @ Pout
@ 1 *
Vac @ |sin q| @ 2
Vout
On Time Capacitor
Ct w
2 @ Pout @ LMAX @ Icharge
h @ VacLL 2 @ VCt(MAX)
Where VacLL is the minimum line in-
put voltage and LMAX is the maxim-
um inductor value. Icharge and
VCt(MAX) are shown in the specifica-
tion table.
Inductor Turns to ZCD
Turns Ratio
NB :NZCD v
Vout * 2 @ VacHL
VZCD(ARM)
Where VacHL is the maximum line
input voltage. VZCD(ARM) is shown in
the specification table.
Resistor from ZCD
Winding to the ZCD pin
RZCD w
2 @ VacHL
IZCD(MAX) @ (NB :NZCD)
Where IZCD(MAX) is maximum rated
current for the ZCD pin (10 mA).
Output Voltage and Output
Divider
Vout + VREF @ Rout1 @
Rout2 ) RFB
Rout2 @ RFB
) 1
Rout1 +
Vout
Ibias(out)
Rout2 +
Rout1 @ RFB
RFB @
Vout
VREF
* 1 * Rout1
Where VREF is the internal reference
voltage and RFB is the pull−down
resistor used for FPP. VREF and RFB
are shown in the specification table.
Ibias(out) is the bias current of the out-
put voltage divider.
Output Voltage OVP
Detection and Recovery
Vout(OVP) +
VOVP
VREF
@ VREF @ Rout1 @
Rout2 ) RFB
Rout2 @ RFB
) 1
Vout(OVPL) +
VOVP
VREF
@ VREF −VOVP(HYS) @ Rout1 @
Rout2 ) RFB
Rout2 @ RFB
) 1
VOVP/VREF and VOVP(HYS) are
shown in the specification table.
Output Voltage Ripple and
Output Capacitor Value
Cbulk w
Pout
2 @ p @ Vripple(peak−peak) @ fline @ Vout
Vripple(peak−peak) t 2 @ Vout(OVP) * Vout
Where fline is the ac line frequency
and Vripple(peak−peak) is the peak−to−
peak output voltage ripple. Use fline =
47 Hz for universal input worst case.
Output Capacitor rms
Current
IC(RMS) +
2 @ 32 @ Pout 2
9 @ p @ Vac @ Vout @ h2
* Iload(RMS)
2
Where Iload(RMS) is the rms load cur-
rent.


Similar Part No. - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
More results

Similar Description - NCP1608_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608 Datasheet
251Kb / 24P
Critical Conduction Mode PFC Controller Utilizing OTA
April, 2009 ??Rev. 0
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
Critical Conduction Mode PFC Controller
logo
ON Semiconductor
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com